47LAC-100R-R
AI

The **47LAC-100R-R** is a specific part number typically associated with **Power Inductors**, specifically those in a surface-mount (SMD) shielded configuration. This component is commonly used in DC-DC converters and power management circuits.
---
### 1. Technical Specifications Breakdown
The alphanumeric code provides specific details regarding its electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance Value** | 10 $\mu$H | Represented by "100" (10 + 0 zeros) |
| **Tolerance** | ±20% | Indicated by "M" or "L" depending on manufacturer series |
| **DCR (Direct Current Resistance)** | Low | Designed to minimize heat loss |
| **Mounting Type** | SMD/SMT | Surface Mount Technology |
| **Shielding** | Magnetically Shielded | Reduces Electromagnetic Interference (EMI) |
### 2. Key Features
* **Compact Footprint:** Designed for high-density PCB layouts.
* **Magnetic Shielding:** The core is enclosed, preventing magnetic flux from interfering with nearby sensitive components.
* **High Saturation Current:** It can handle high peak currents before the inductance drops significantly.
* **RoHS Compliant:** The "-R" suffix usually denotes compliance with environmental regulations (Lead-free).
---
### 3. Common Applications
These inductors are workhorses in modern electronics, primarily found in:
1. **Switch-Mode Power Supplies (SMPS):** Used for energy storage and filtering.
2. **DC-DC Converters:** Voltage step-up (Boost) or step-down (Buck) circuits.
3. **Consumer Electronics:** Laptops, tablets, and smartphones where space is limited.
4. **LED Drivers:** Providing stable current to high-brightness LEDs.
### 4. Comparison with Non-Shielded Inductors
| Feature | Shielded (47LAC series) | Non-Shielded |
| :--- | :--- | :--- |
| **EMI** | Very Low | Higher |
| **Size** | Slightly larger/taller | More compact |
| **Cost** | Slightly higher | Lower |
| **Usage** | Close to sensitive ICs | General power filtering |
---
### 5. Schematic Representation
In a circuit diagram, this part is represented by the standard inductor symbol with two parallel lines above it (indicating a ferrite core and shielding).
```text
L1
----(UUUU)----
10uH
```
- ⤷
What is the maximum current rating (Irms) for the 47LAC series?
- ⤷ How does the '100R' coding system differ from standard resistor codes?
- ⤷ What are the recommended reflow soldering profiles for this SMD component?