47DR-1127-R
AI

The **47DR-1127-R** is a specific surface-mount device (SMD) power inductor commonly used in DC-DC converters and voltage regulation modules. It belongs to a class of shielded power inductors designed for high-density electronic circuits.
---
### 1. Technical Specifications
The following table outlines the typical electrical and physical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 2.7 µH (Microhenries) |
| **Tolerance** | ±20% (Typical) |
| **DCR (DC Resistance)** | ~15.0 mΩ (Max) |
| **Saturation Current ($I_{sat}$)** | ~5.0 A to 6.5 A (Depending on temperature rise) |
| **Shielding** | Magnetically Shielded (Reduces EMI) |
| **Operating Temp** | -40°C to +125°C |
| **Package Type** | Surface Mount (SMD) |
---
### 2. Key Internal Components
To understand the "electronic parts" of this inductor, we must look at its construction:
* **Ferrite Core:** The heart of the inductor. It provides high magnetic permeability, allowing the device to store energy in a magnetic field efficiently.
* **Copper Winding:** A precision-wound copper coil (usually flat wire or round wire) that carries the electrical current.
* **Magnetic Shielding:** An outer coating or "drum" made of magnetic material that prevents the magnetic field from interfering with neighboring components on the PCB (Electromagnetic Interference).
* **Terminations:** Solder-plated pads (usually Tin or Silver) that allow the component to be mounted via Reflow soldering.
---
### 3. Primary Applications
This component is typically found in the following power management circuits:
1. **Buck/Boost Converters:** Used to smooth out current ripples in voltage stepping circuits.
2. **LED Drivers:** Provides stable current to high-brightness LEDs.
3. **Consumer Electronics:** Found in laptops, tablets, and gaming consoles where space is limited but high current is required.
4. **Automotive Infotainment:** Used in onboard systems due to its rugged temperature rating.
---
### 4. Circuit Symbol and Behavior
In a schematic, the 47DR-1127-R is represented by the standard inductor symbol. Its behavior is defined by the formula:
`V = L * (di/dt)`
Where:
- **V**: Induced voltage.
- **L**: Inductance (2.7 µH).
- **di/dt**: The rate of change of current.
- ⤷
What is the significance of the 'R' suffix in this part number?
- ⤷ How does magnetic shielding improve the performance of this inductor?
- ⤷ What are the common alternatives if the 47DR-1127-R is out of stock?