AI

The **47DM-1119-R** is a specific electronic component, primarily identified as a **tactile switch** (or tact switch) manufactured by companies like **Diptronics**. These are momentary push-button switches commonly used in low-current interface applications.
---
## 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics typical for this series:
| Property | Specification |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Actuation Force** | Typically 160gf to 260gf (varies by sub-model) |
| **Voltage Rating** | 12V DC |
| **Current Rating** | 50mA |
| **Contact Resistance** | 100 mΩ max |
| **Operating Life** | 100,000 to 500,000 cycles |
| **Stem Height** | Specific to the "1119" designation (often 1.5mm - 3.0mm) |
---
## 2. Key Features
The 47DM series is designed for efficiency and durability in compact electronic devices.
* **Miniature Footprint:** Its small size makes it ideal for high-density Printed Circuit Boards (PCBs).
* **Tactile Feedback:** Provides a sharp, clear "click" sound and physical sensation when pressed, confirming actuation to the user.
* **Reflow Solderable:** The "-R" suffix usually indicates that the part is provided in **Tape and Reel** packaging, suitable for automated pick-and-place assembly and high-temperature reflow soldering.
* **Dust Protection:** Many variants in this series feature a sealed or semi-sealed construction to prevent contact contamination.
---
## 3. Common Applications
Due to its reliability and small size, the 47DM-1119-R is frequently found in:
1. **Consumer Electronics:** Mobile phones, remote controls, and digital cameras.
2. **Wearables:** Smartwatches and fitness trackers.
3. **Computing:** Laptop power buttons or reset switches on motherboards.
4. **Industrial:** Handheld scanners and interface panels.
---
## 4. Part Number Breakdown (Typical)
While naming conventions vary slightly by manufacturer, the code generally breaks down as follows:
* **47DM:** The series identifier (Miniature SMT Tact Switch).
* **1119:** Specific dimensions, stem height, or internal contact material.
* **R:** Packaging type (Tape & Reel).
- ⤷
What are the exact physical dimensions (length x width) of the 47DM-1119-R?
- ⤷ Is there a through-hole version of this tactile switch available?
- ⤷ What is the recommended solder profile for this SMD component?