AI

The part number **47DM-1029-R** typically refers to a specific type of **RJ45 Modular Jack** connector, often used in networking and telecommunications hardware. These components are designed to provide a physical interface for Ethernet cables.
---
### Technical Specifications
Based on standard industry naming conventions for this series (often associated with manufacturers like Adam Tech), here are the typical specifications:
| Feature | Description |
| :--- | :--- |
| **Component Type** | RJ45 Modular Jack |
| **Position/Contacts** | 8P8C (8 Positions, 8 Contacts) |
| **Orientation** | Right Angle (Horizontal) |
| **Mounting Type** | Through-Hole (THT) |
| **Shielding** | Fully Shielded with EMI Tabs |
| **LEDs** | Often integrates Green/Yellow LEDs (depending on suffix) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### Key Electronic Features
1. **EMI/RFI Shielding:**
The metal outer shell (shield) protects the data signal from Electromagnetic Interference and Radio Frequency Interference, which is critical for maintaining high-speed data integrity.
2. **Gold Plating:**
The internal contact pins are usually plated with gold (e.g., 15u", 30u", or 50u") to prevent oxidation and ensure a low-resistance electrical connection over thousands of mating cycles.
3. **Mechanical Stability:**
Features "solder tabs" or "shield tabs" that are soldered into the PCB to provide mechanical strength, preventing the jack from being ripped off the board during cable insertion/removal.
4. **Integrated Magnetics (Optional):**
While some "47DM" series are simple connectors, many versions include "MagJack" technology—internal transformers and filters that provide signal conditioning and high-voltage isolation between the cable and the PHY chip.
---
### Application Usage
These parts are commonly found in the following devices:
* **Network Switches/Routers:** Providing the physical ports for LAN connections.
* **Industrial PCs:** Used for robust Ethernet communication.
* **IoT Gateways:** Enabling wired internet connectivity.
* **Consumer Electronics:** Laptops, gaming consoles, and smart TVs.
---
- ⤷What is the difference between shielded and unshielded RJ45 jacks?
- ⤷ How does gold plating thickness affect connector longevity?
- ⤷ What are the common pinout configurations for 8P8C connectors?