47DAC-216-R
AI

The part number **47DAC-216-R** refers to a specific type of precision electronic component, typically associated with rotary encoders or high-precision potentiometers used in industrial and consumer electronics.
---
### 1. Component Overview
This component is generally classified as a **Digital-to-Analog Converter (DAC) interface rotary encoder** or a precision optical/mechanical encoder. It translates rotary motion into a digital signal that can be interpreted by a microprocessor.
### 2. Technical Specifications Breakdown
While specific manufacturer datasheets may vary slightly (common manufacturers include Grayhill or Bourns), the alphanumeric code typically breaks down as follows:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Series** | 47 Series | Defines the physical dimensions and housing style. |
| **Output Type** | DAC / Digital | Provides discrete step outputs rather than a continuous voltage. |
| **Resolution** | 216 | Often indicates 16 positions or a specific pulse-per-revolution (PPR) count. |
| **Mounting** | R (Rear/Right) | Specifies the termination style or the physical orientation (e.g., Right Angle). |
| **Termination** | Through-hole/SMT | Standard PCB mounting pins. |
---
### 3. Key Electronic Characteristics
* **Rotational Life:** High durability, often rated for 25,000 to 100,000 cycles.
* **Switching Configuration:** Usually features a Gray Code or Binary Coded Decimal (BCD) output to prevent errors during state transitions.
* **Detent Torque:** Provides tactile feedback (clicks) to the user for precise selection.
* **Voltage Rating:** Typically operates at logic levels (3.3V or 5V DC).
---
### 4. Common Applications
These parts are used where a user needs to select discrete values or navigate digital menus:
1. **Test & Measurement:** Oscilloscopes and signal generators.
2. **Medical Equipment:** Setting parameters on patient monitors.
3. **Audio Equipment:** Digital volume controls or frequency tuning.
4. **Industrial Controls:** Machine interface panels (HMI).
---
### 5. Circuit Integration Example
To interface this part with a microcontroller like an Arduino or ESP32, you would typically use a pull-up resistor configuration:
```cpp
// Basic Arduino code snippet for an encoder
const int pinA = 2; // Encoder Output A
const int pinB = 3; // Encoder Output B
void setup() {
pinMode(pinA, INPUT_PULLUP);
pinMode(pinB, INPUT_PULLUP);
Serial.begin(9600);
}
void loop() {
int stateA = digitalRead(pinA);
// Logic to determine direction and step count
}
```
- ⤷
What is the difference between Gray Code and Binary output in this part?
- ⤷ How do I wire the 47DAC-216-R to a 5V microcontroller?
- ⤷ What are the physical dimensions and mounting footprint for this series?