công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 47DAC-109-R

  • AI
    The part number **47DAC-109-R** typically refers to a specialized electronic component, often categorized as a **Digital-to-Analog Converter (DAC)** module or a specific **Potentiometer/Trimmer** assembly, depending on the manufacturer (commonly associated with brands like Bourns or specific industrial suppliers). Below is a breakdown of the technical aspects associated with this type of component. --- ### 1. Component Overview The "47" series generally belongs to high-precision control components. This specific part is designed to convert digital input signals into accurate analog voltages or to act as a digitally controlled resistive element. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Digital-to-Analog Converter / Digital Potentiometer | | **Resistance/Range** | Often 10k Ohms or specific Voltage Ratios | | **Mounting Type** | Through-hole or Panel Mount | | **Termination** | Radial Leads / Solder Pins | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Part Number Breakdown The nomenclature can be deconstructed to understand its physical and electrical properties: * **47**: The series designation (often representing size or power rating). * **DAC**: Functionality (Digital-to-Analog Circuitry). * **109**: The value code. In electronics, this often represents the resistance or resolution (e.g., $10 \times 10^9$ or a specific factory code for 10-bit resolution). * **-R**: Indicates **RoHS Compliance**, meaning the part is manufactured without hazardous substances like lead. --- ### 3. Key Technical Applications These parts are integrated into circuits where precise tuning is required without manual mechanical adjustment. * **Industrial Automation**: Used for setting reference voltages in PLC (Programmable Logic Controller) systems. * **Audio Equipment**: Digitally controlled volume or gain stages where low noise is critical. * **Calibration**: Automatic calibration of sensors in the field where physical access is limited. * **Power Supplies**: Adjusting the output voltage via a microcontroller interface. --- ### 4. Electrical Characteristics to Consider When integrating the 47DAC-109-R, engineers must monitor the following parameters: 1. **Resolution**: Determines the "step size" of the analog output. 2. **Interface**: Does it use $I^2C$, SPI, or a parallel bit-bus? 3. **Supply Voltage ($V_{cc}$)**: Usually operates between 3.3V and 5V. 4. **Temperature Coefficient**: How much the output drifts as the component heats up. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the 47DAC-109-R?
    • ⤷ Is this part compatible with I2C or SPI communication protocols?
    • ⤷ What are the recommended operating temperature limits for this component?