4616H-R2R-503
AI

The **4616H-R2R-503** is a high-reliability electronic component known as a **Resistor Network**, specifically designed as an **R-2R Ladder Network**. It is manufactured by Bourns and is commonly used in digital-to-analog conversion applications.
---
### 1. Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | 4616H-R2R-503 |
| **Network Type** | R-2R Ladder (Binary Weighted) |
| **Resistance Value** | 50 kΩ ($R=50k, 2R=100k$) |
| **Pin Count** | 16 Pins |
| **Package Type** | SIP (Single In-line Package) |
| **Profile** | High Profile (H) |
| **Accuracy/Tolerance** | ±1% or ±2% (Typical for H series) |
---
### 2. Functional Description
The "R-2R" designation refers to the internal architecture of the resistor arrangement. This specific part is used to convert digital signals into a proportional analog voltage.
* **R and 2R Values:** In this specific model (503), the base resistance $R$ is **50 kΩ**. Therefore, the internal resistors are a combination of 50 kΩ and 100 kΩ.
* **Bit Resolution:** Because it has 16 pins, it typically supports an **8-bit** or **14-bit** conversion process, depending on how the common and ground pins are allocated in the circuit design.
---
### 3. Pinout and Construction
The **4616H** series belongs to the Conformal Coated SIP family.
* **46:** Model series.
* **16:** Number of pins.
* **H:** High Profile (allows for better power dissipation and larger resistor elements).
* **R2R:** The specific circuit configuration (Ladder).
* **503:** Resistance code ($50 \times 10^3 = 50,000$ Ohms).
---
### 4. Common Applications
1. **Digital-to-Analog Converters (DAC):** Creating an analog output from a microcontroller’s digital pins.
2. **Voltage Dividers:** Providing precise, stepped voltage references.
3. **Signal Processing:** Used in audio equipment or instrumentation where a variable voltage is needed based on digital logic.
---
### 5. Advantages
* **Space Saving:** Consolidates multiple discrete resistors into one small SIP package.
* **Thermal Matching:** Since all resistors are on the same substrate, they track temperature changes identically, maintaining accuracy.
* **Precision:** Much higher accuracy than using individual discrete resistors with varying tolerances.
- ⤷
How do you calculate the output voltage of an R-2R ladder?
- ⤷ What is the difference between Low Profile (L) and High Profile (H) in Bourns networks?
- ⤷ Can this part be used for 16-bit DAC applications?