công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 442L-MDNET

  • AI
    The **442L-MDNET** refers to a specific network interface module used within the **Allen-Bradley / Rockwell Automation** GuardShield safety light curtain systems. It serves as the bridge between safety hardware and a digital industrial network. --- ## 1. Core Functionality The 442L-MDNET is a **Micro-Link to DeviceNet** interface. Its primary purpose is to convert the proprietary diagnostic signals from GuardShield light curtains into a format that can be read over a **DeviceNet** network. | Component | Description | | :--- | :--- | | **Input Port** | Receives data from the light curtain (Micro-Link). | | **Output Port** | Connects to the DeviceNet trunk/drop line. | | **Internal Logic** | Translates optical synchronization and beam status into digital registers. | --- ## 2. Key Electronic Features The electronic architecture of this part is designed for industrial environments where electromagnetic interference (EMI) is common. ### Communication Interface * **Protocol:** DeviceNet (CAN-based). * **Connection:** Typically uses a 5-pin micro (M12) connector for the network side. * **Data Rate:** Supports standard DeviceNet speeds (125kbps, 250kbps, 500kbps). ### Diagnostic Capabilities Unlike a simple relay, the electronic circuitry in the MDNET module provides granular data: * **Beam Status:** Identifies exactly which beams are blocked. * **Signal Strength:** Monitors if lenses are dirty or misaligned. * **Fault Codes:** Provides specific error codes for internal hardware failures. --- ## 3. Technical Specifications Below are the typical electronic ratings for this class of module: | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | 24V DC (sourced via DeviceNet cable) | | **Current Consumption** | Approx. 50-100mA | | **Connector Type** | M12 (Micro) | | **Enclosure Rating** | IP65 / IP67 (dust and water-resistant) | | **Operating Temperature** | 0°C to 55°C (32°F to 131°F) | --- ## 4. Wiring Diagram Concept The module sits between the light curtain's receiver and the PLC: ```mermaid graph LR A[GuardShield Receiver] -- Micro-Link Cable --> B[442L-MDNET] B -- DeviceNet Drop Cable --> C[PLC / Scanner Card] ``` ### Important Usage Note: The 442L-MDNET is generally used for **diagnostics only**. In most safety architectures, the actual safety-related switching (OSSDs) should be wired directly to a safety relay or a safety-rated controller, while the MDNET provides the "soft" data for the HMI (Human Machine Interface). ---
    ✨ Follow-up Questions
    • ⤷ How do I configure the MacID for the 442L-MDNET module?
    • ⤷ Can this module be used for safety-rated control or only for diagnostics?
    • ⤷ What are the common LED indicators on the 442L-MDNET and what do they signify?