công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 4414M-R2R-503

  • AI
    The **4414M-R2R-503** is a specialized electronic component known as a **Resistor Network**, specifically designed as an **R-2R Ladder Network**. These components are primarily used in Digital-to-Analog conversion (DAC) circuits. --- ### 1. Technical Specifications The part number follows a specific nomenclature (standardized by manufacturers like Bourns): | Parameter | Specification | | :--- | :--- | | **Series** | 4400M Series (Molded Medium Profile) | | **Package Type** | DIP (Dual In-line Package) | | **Pin Count** | 14 Pins | | **Circuit Type** | R-2R Ladder | | **Resistance Value (R)** | 50 kΩ (indicated by "503") | | **Tolerance** | Generally ±2% or ±1% | | **Temperature Coefficient** | ±100 ppm/°C | --- ### 2. The R-2R Ladder Circuit The "R2R" designation is the most critical part of this component. It refers to a specific arrangement of resistors that allows a digital signal to be converted into an equivalent analog voltage. * **R Value:** 50 kΩ. * **2R Value:** 100 kΩ. * **Function:** Inside the 14-pin package, resistors are precisely matched. Because they are on the same substrate, they maintain excellent ratio tracking even as temperatures change. --- ### 3. Pin Configuration & Logic For a 14-pin R-2R network, the layout typically supports a **12-bit** or **10-bit** conversion depending on the specific internal wiring: * **MSB (Most Significant Bit):** The input closest to the output pin, having the greatest effect on the voltage. * **LSB (Least Significant Bit):** The furthest input, having the smallest effect. * **Common/Ground:** Used for reference. --- ### 4. Applications The 4414M-R2R-503 is commonly used in legacy and precision industrial hardware: 1. **Digital-to-Analog Converters (DAC):** Creating custom analog waveforms from digital microcontrollers. 2. **Gain Control:** Digitally controlled volume or signal attenuation. 3. **Function Generators:** Generating sine, square, or triangle waves. 4. **Reference Voltage Dividers:** Where high-precision ratios are required. --- ### 5. Why use a Network instead of Discrete Resistors? Using a single 4414M-R2R-503 package is superior to using individual resistors because: * **Matching:** The resistors are manufactured together, ensuring the $R$ and $2R$ ratios are nearly perfect. * **Space:** Saves significant PCB "real estate" compared to 20+ individual resistors. * **Thermal Stability:** If one resistor gets warm, they all do, maintaining the ratio and preventing output drift.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the output voltage for a specific digital input on this R-2R ladder?
    • ⤷ What is the difference between the 'M' and 'H' profile versions of the 4400 series?
    • ⤷ Can this component be used for high-speed signal conversion?