công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 4316M-R2R-503

  • AI
    The **4316M-R2R-503** is a specific electronic component belonging to the family of **Resistor Networks**, specifically designed for Digital-to-Analog conversion. --- ### 1. Component Breakdown The part number can be decoded to understand its physical and electrical characteristics: | Part Segment | Meaning | Description | | :--- | :--- | :--- | | **4316M** | Series & Package | 4300M Series, Medium profile, 16-pin Molded SIP (Single In-line Package). | | **R2R** | Circuit Type | R-2R Ladder configuration (used for DAC applications). | | **503** | Resistance Code | 50 followed by 3 zeros = **50,000 Ohms (50kΩ)**. | --- ### 2. Technical Specifications This device is commonly manufactured by companies like **Bourns**. Below are the typical technical parameters: * **Resistance Value (R):** 50 kΩ * **Accuracy/Tolerance:** Usually ±2% or ±1% (depending on the specific grade). * **Number of Pins:** 16 Pins. * **Package Type:** SIP (Single In-line Package), which saves horizontal PCB space. * **Temperature Coefficient:** ±100 ppm/°C. * **Power Rating:** Typically 0.2W per resistor at 70°C. --- ### 3. How the R-2R Ladder Works The **R2R** designation is the most critical part of this component. It is a mathematical circuit used to convert digital binary numbers into an analog voltage. * **The Logic:** It uses only two resistor values ($R$ and $2R$). In this case, $R = 50k\Omega$. * **Precision:** Because all resistors are manufactured on the same substrate (silicon/thick film), they age and react to temperature changes identically. This "tracking" provides much higher precision than using discrete individual resistors. * **Application:** It is used as a 7-bit or 8-bit DAC (Digital-to-Analog Converter) where digital pins from a microcontroller connect to the input pins of the 4316M to produce a proportional analog voltage at the output. --- ### 4. Typical Applications * **Digital-to-Analog Conversion:** Converting MCU signals to audio or control voltages. * **Voltage Dividers:** Precise multi-step voltage scaling. * **Instrumentation:** Gain control in operational amplifier circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an R-2R ladder and a standard resistor bus?
    • ⤷ How do I calculate the output voltage for a specific binary input on this chip?
    • ⤷ Are there surface-mount (SMD) equivalents for the 4316M series?