công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 40MT..K

  • AI
    The **40MT...K** series refers to a family of **Three-Phase Bridge Rectifiers** produced by manufacturers like Vishay (formerly International Rectifier). These are power electronic modules designed to convert alternating current (AC) into direct current (DC). --- ## 1. Technical Specifications The "40MT" prefix typically signifies the current rating and the physical housing style. Below are the general specifications for this series: | Parameter | Typical Value | | :--- | :--- | | **Current Rating ($I_O$)** | 45 Amperes | | **Voltage Range ($V_{RRM}$)** | 800V to 1600V (e.g., 40MT120K is 1200V) | | **Circuit Configuration** | 3-Phase Bridge (6 Diodes) | | **Package Style** | D-63 (MT-K) | | **Operating Temperature** | -40°C to +150°C | --- ## 2. Key Features * **High Thermal Conductivity:** The internal diodes are mounted on an electrically isolated metal baseplate, allowing for direct mounting to a heatsink. * **Robust Housing:** The "K" suffix usually denotes the specific package type (MT-K), which features screw terminals for secure high-current connections. * **Low Forward Voltage Drop:** Designed to minimize power loss during conduction. * **UL Recognition:** Most modules are recognized under safety standards for industrial use. --- ## 3. Terminal Layout and Internal Circuit The module contains six power diodes arranged in a bridge configuration to handle the three phases of AC input ($L1, L2, L3$). ### Pinout Configuration: 1. **Input Terminals (~):** Three AC input terminals (typically labeled as 1, 2, and 3). 2. **Output Terminals (+/-):** Two DC output terminals (Positive and Negative). --- ## 4. Common Applications These modules are widely used in industrial environments where high power and reliability are required: * **Variable Speed Drives (VFDs):** As the front-end rectifier stage. * **Battery Chargers:** For large industrial battery banks. * **DC Motor Controls:** To provide steady DC voltage from AC mains. * **Welding Equipment:** Converting transformer AC to DC for arc stability. --- ## 5. Identifying Part Numbers The numbers following "40MT" indicate the repetitive peak reverse voltage: * **40MT80K:** 800 Volts * **40MT120K:** 1200 Volts * **40MT160K:** 1600 Volts ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 40MT and 70MT series?
    • ⤷ How should a heatsink be sized for a 40MT120K module?
    • ⤷ What are the common failure modes of three-phase bridge rectifiers?