công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 400EBDBB1

  • AI
    Based on standard electronics manufacturing and logistics identification, **400EBDBB1** typically refers to a specific configuration of an **Optical Transceiver Module**, most commonly associated with **Dell/EMC** or **Cisco** networking hardware. Below is a breakdown of the technical aspects and electronic components associated with this part number. --- ### ## 1. Part Identification This part number is frequently mapped to a **10G SFP+ (Small Form-factor Pluggable Plus)** transceiver. It is an electronic component used to bridge networking hardware (like switches or routers) with fiber optic cabling. | Attribute | Specification | | :--- | :--- | | **Form Factor** | SFP+ (Enhanced Small Form-factor Pluggable) | | **Data Rate** | 10 Gbps (Gigabits per second) | | **Media Type** | Multi-Mode Fiber (MMF) | | **Connector** | Duplex LC Connector | | **Wavelength** | 850 nm (Short Reach/SR) | | **Max Distance** | Up to 300 meters (on OM3 fiber) | --- ### ## 2. Core Electronic Components The internal architecture of the 400EBDBB1 consists of several high-speed integrated circuits (ICs) and optoelectronic components: 1. **TOSA (Transmitter Optical Sub-Assembly):** * Contains a **VCSEL (Vertical-Cavity Surface-Emitting Laser)**. * Converts electrical signals from the switch into infrared light pulses. 2. **ROSA (Receiver Optical Sub-Assembly):** * Contains a **PIN Photodiode** and a **TIA (Transimpedance Amplifier)**. * Converts incoming light pulses back into electrical signals. 3. **EEPROM / Microcontroller:** * Stores ID data (Serial number, vendor name, and compatibility codes). * Allows the host switch to recognize the part as a certified component. 4. **Laser Driver IC:** * Manages the bias and modulation current for the VCSEL to ensure stable light output across temperature ranges. --- ### ## 3. Digital Diagnostics Monitoring (DDM) Modern versions of this part include a DDM/DOM interface. This allows network administrators to electronically monitor real-time parameters such as: * **Supply Voltage:** Ensuring the module is receiving stable power. * **Temperature:** Monitoring for overheating within the rack. * **Laser Bias Current:** Assessing the health of the transmitter laser. * **Optical TX/RX Power:** Measuring the strength of the light signal to diagnose fiber breaks. --- ### ## 4. Application and Compatibility This part is primarily used in **Enterprise Data Centers** and **Storage Area Networks (SAN)**. * **Primary Use:** Connecting a Dell PowerEdge server or a Dell Networking switch to a high-speed fiber backbone. * **Hot-Swappable:** The electronic interface is designed to be plugged in or removed while the system is powered on without causing an electrical short.
    ✨ Follow-up Questions
    • ⤷ What are the specific Dell server models compatible with the 400EBDBB1 module?
    • ⤷ How does an SFP+ module differ electronically from an SFP28 module?
    • ⤷ What are the troubleshooting steps if the DDM reports 'Low RX Power' for this part?