công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 4-RJ

  • AI
    The term **4-RJ** usually refers to **RJ45** (Registered Jack 45) connectors, which are the standard physical interface for Ethernet networking. Below is a detailed breakdown of the electronic parts and specifications associated with these components. --- ### 1. The Anatomy of an RJ45 Connector An RJ45 system consists of two primary parts: the **Plug** (male) and the **Jack/Port** (female). | Component | Description | | :--- | :--- | | **Housing** | Typically made of clear polycarbonate (plastic) for plugs and shielded metal or plastic for jacks. | | **Contacts (Pins)** | 8 gold-plated copper alloy pins that create the electrical connection. | | **Shielding** | An optional metal outer layer (STP) to prevent Electromagnetic Interference (EMI). | | **Latch** | The flexible plastic tab that locks the plug into the port. | --- ### 2. Internal Wiring Standards RJ45 connectors use an **8P8C** (8 Position, 8 Contact) configuration. There are two main wiring standards for the internal electronic alignment: #### Wiring Schemes 1. **T568A:** Often used in residential installations and government projects. 2. **T568B:** The most common standard for commercial and general networking. | Pin Number | T568B Color Code | Function (10/100 Mbps) | | :--- | :--- | :--- | | 1 | White/Orange | Transmit + | | 2 | Orange | Transmit - | | 3 | White/Green | Receive + | | 4 | Blue | Not used (for data) | | 5 | White/Blue | Not used (for data) | | 6 | Green | Receive - | | 7 | White/Brown | Not used (for data) | | 8 | Brown | Not used (for data) | *Note: For Gigabit Ethernet (1000Mbps), all 8 wires are used for bidirectional data transfer.* --- ### 3. Integrated Magnetics (MagJack) In many electronic devices (like laptops or routers), the RJ45 jack isn't just a plastic socket; it is a **MagJack**. This component includes internal electronic circuitry: * **Isolation Transformers:** Protect the device from high-voltage spikes and DC offsets on the cable. * **Common Mode Chokes:** Reduce electromagnetic noise (EMI). * **LEDs:** Small Green/Amber lights integrated into the housing to show "Link" and "Activity" status. * **Termination Resistors:** Used to match impedance (usually 75 ohms) to prevent signal reflection. --- ### 4. Technical Specifications ```cpp // Typical Electrical Characteristics for RJ45 Connectors { "Voltage_Rating": "125 VAC RMS", "Current_Rating": "1.5 Amperes", "Contact_Resistance": "30 Milliohms Max", "Insulation_Resistance": "500 Megohms Min @ 500V DC", "Dielectric_Strength": "1000V AC RMS 50Hz or 60Hz 1 min" } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Cat5e
    • ⤷ Cat6
    • ⤷ and Cat7 RJ45 connectors?
    • ⤷ How does Power over Ethernet (PoE) work through these electronic pins?
    • ⤷ What is the difference between an 8P8C connector and a true RJ45?