công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 4-R56-R

  • AI
    The term **4R56** or **4.56R** refers to a specific naming convention for an electronic component, most commonly a **Surface Mount Device (SMD) Power Inductor**. --- ### 1. Component Identification In electronic labeling, the "R" acts as a decimal point. This is part of the standard EIA (Electronic Industries Alliance) marking system for passive components. | Code | Value Interpretation | Component Type | | :--- | :--- | :--- | | **4R56** | 4.56 Units | Inductor (μH) or Resistor (Ω) | | **R** Position | Acts as a decimal point | Standard Marking | --- ### 2. Common Application: SMD Inductor While it could technically be a resistor, the code "4R56" is most frequently found on high-current power inductors used in DC-DC converters. #### Technical Specifications (Typical) * **Inductance:** 4.56 μH (Microhenries). * **Tolerance:** Usually ±20%. * **Form Factor:** Typically a shielded square package (e.g., 7x7mm or 10x10mm). * **Current Rating:** Designed to handle several Amperes (A) of saturation current. --- ### 3. Role in a Circuit Inductors with these values are fundamental to **Switching Mode Power Supplies (SMPS)**. | Function | Description | | :--- | :--- | | **Energy Storage** | Stores energy in a magnetic field during the "on" cycle of a transistor. | | **Filtering** | Works with capacitors to smooth out voltage ripples and noise. | | **Buck/Boost** | Essential for stepping voltage down (Buck) or up (Boost) efficiently. | --- ### 4. How to Read Similar Codes If you encounter variations of this code, the logic remains consistent: * **R10**: 0.10 units * **1R0**: 1.0 units * **4R7**: 4.7 units * **100**: 10 units (In 3-digit codes, the last digit is often the multiplier, but if an "R" is present, it is always the decimal). --- ### 5. Troubleshooting/Replacement If you are looking to replace a "4R56" component on a PCB: 1. **Measure Dimensions:** Ensure the footprint (length/width/height) matches. 2. **Current Rating (I-sat):** A replacement must have an equal or higher saturation current rating to avoid overheating. 3. **DCR (DC Resistance):** Lower resistance is generally better for efficiency.
    ✨ Follow-up Questions
    • ⤷ How can I distinguish between an inductor and a resistor if they both use the 4R56 marking?
    • ⤷ What are the consequences of using a 4.7uH inductor instead of a 4.56uH inductor?
    • ⤷ What tools are needed to test if a 4R56 inductor is functioning correctly?