3N60L-TM3-R
AI

The **3N60L-TM3-R** is a high-voltage N-Channel Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) commonly used in switching power supplies and DC-DC converters.
Below is a detailed breakdown of its specifications and characteristics.
### 1. Key Technical Specifications
The part number follows a specific nomenclature where "3" typically refers to the Current (Amps) and "60" refers to the Voltage (600V).
| Parameter | Specification |
| :--- | :--- |
| **Transistor Type** | N-Channel MOSFET |
| **Drain-Source Voltage ($V_{DSS}$)** | 600 V |
| **Continuous Drain Current ($I_D$)** | 3.0 A |
| **Pulsed Drain Current ($I_{DM}$)** | 12 A |
| **Static Drain-Source On-Resistance ($R_{DS(ON)}$)** | 3.6 $\Omega$ (Max) @ $V_{GS}$ = 10V |
| **Gate-Source Voltage ($V_{GS}$)** | $\pm$ 30 V |
| **Package Type** | TO-251 (Short Lead) / TO-252 |
| **Lead-Free Status** | Halogen Free / RoHS Compliant (L-Suffix) |
---
### 2. Physical Packaging (TM3-R)
The suffix **TM3-R** describes the physical delivery and mounting format:
* **TM3:** Refers to the **TO-251** package (often called I-PAK). This is a through-hole version of the D-PAK, featuring straight leads.
* **R:** Generally indicates **Tape and Reel** or a specific orientation in packaging for automated assembly.
---
### 3. Core Features
* **Low Gate Charge:** Designed to minimize switching losses, making it efficient at high frequencies.
* **High Switching Speed:** Capable of rapid transitions between "on" and "off" states.
* **Improved dv/dt Capability:** Robust against high-speed voltage transients, reducing the risk of device failure during switching.
* **100% Avalanche Tested:** Ensures the device can handle unexpected energy spikes (inductive loads).
---
### 4. Typical Applications
Because of its 600V rating and 3A current capacity, it is ideal for:
1. **Switch Mode Power Supplies (SMPS):** Used in the primary side of AC-DC adapters.
2. **LED Lighting:** Constant current drivers for high-voltage LED strings.
3. **Electronic Ballasts:** Fluorescent lighting circuits.
4. **DC-DC Converters:** High-efficiency power conversion in industrial equipment.
---
### 5. Pin Configuration (TO-251)
Looking at the front of the component (label side):
1. **Gate (G):** Controls the "on/off" state.
2. **Drain (D):** Connected to the load (also connected to the metal tab).
3. **Source (S):** Connected to the ground or negative rail.
- ⤷
What are the equivalent alternative part numbers for the 3N60L?
- ⤷ How does the gate-source threshold voltage affect its performance in MCU-controlled circuits?
- ⤷ What is the thermal resistance (Rthjc) for the TO-251 package?