công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 3AG3AP2-R

  • AI
    The **3AG3AP2-R** refers to a specific sub-series within the **3AG** family of glass body fuses, manufactured primarily by companies like **Littelfuse** or **Bussmann**. These are small, sacrificial safety components designed to protect electrical circuits from overcurrent. Below is a technical breakdown of the specifications and characteristics associated with this part number. ### 1. Technical Specifications | Feature | Description | | :--- | :--- | | **Series** | 3AG (Industry standard size) | | **Physical Dimensions** | 6.3mm x 32mm (1/4" x 1-1/4") | | **Material** | Glass Body with Nickel-plated Brass Caps | | **Response Characteristic** | Fast-Acting / Fast Blow | | **Voltage Rating** | Typically 250V AC | | **"P" Suffix** | Indicates "Lead-Free" or RoHS compliant | | **"R" Suffix** | Indicates compliance with "RoHS" directives | --- ### 2. Physical Construction The part is engineered to be a "fast-acting" fuse. Its internal structure consists of: * **The Element:** A thin wire or metallic strip that melts instantly when the current exceeds the rated amperage. * **The Body:** A transparent glass tube that allows for visual inspection to see if the fuse has "blown." * **The Leads (Optional):** If the part includes axial leads (pigtails), it is designed for direct soldering onto a PCB. If it lacks leads, it is meant for a fuse clip or holder. --- ### 3. Key Electronic Functions The 3AG3AP2-R serves three primary roles in an electronic assembly: 1. **Overcurrent Protection:** It interrupts the circuit if a short circuit or overload occurs, preventing damage to sensitive components like transistors or ICs. 2. **Fire Prevention:** By breaking the circuit during a fault, it prevents wires from overheating and catching fire. 3. **Fast Response:** Unlike "Slow-Blow" fuses, this model reacts almost instantaneously to spikes, making it ideal for resistive loads and digital circuits that cannot tolerate even brief surges. --- ### 4. Common Applications * **Consumer Electronics:** Power supplies for monitors, TVs, and audio equipment. * **Industrial Equipment:** Control panels and test instruments. * **Automotive:** Older vehicle electrical systems often utilized 3AG sized fuses for accessory protection. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific amperage rating for the '2-R' variant of this fuse?
    • ⤷ How does a 'Fast-Acting' fuse differ from a 'Slow-Blow' (3AB) fuse in a circuit?
    • ⤷ Can this fuse be used in DC applications
    • ⤷ or is it strictly for AC?