công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 3ABP20-R

  • AI
    The **3ABP20-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. It is part of the 3ABP series, often utilized in power management circuits due to its compact size and high current handling capabilities. --- ## 1. Technical Specifications While specific data can vary slightly between manufacturers (such as ABC Taiwan or local power magnetics suppliers), the general specifications for this part number are as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | SMD Power Inductor | | **Inductance** | 2.0 µH (typically indicated by the "20" code) | | **Series** | 3ABP (Miniature high-current series) | | **Material** | Metal Alloy / Ferrite Core | | **Operating Temperature** | -40°C to +125°C | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## 2. Component Structure and Features The "3ABP" designation refers to the physical architecture of the inductor: * **Shielded Construction:** These inductors are usually magnetically shielded to prevent Electromagnetic Interference (EMI), which is critical for densely packed circuit boards. * **High Current Saturation:** Designed to maintain its inductance value even when high levels of DC current pass through the coil. * **Low DCR (DC Resistance):** The internal windings use thick copper wire to minimize power loss through heat. --- ## 3. Typical Applications The 3ABP20-R is commonly found in the following electronic environments: 1. **DC-DC Converters:** Used as the energy storage element in buck (step-down) or boost (step-up) regulators. 2. **Portable Electronics:** High efficiency makes it ideal for smartphones, tablets, and wearable tech. 3. **Graphic Cards / Motherboards:** Used in Voltage Regulator Modules (VRMs) to provide clean power to CPUs and GPUs. 4. **Telecom Equipment:** Filtering noise in high-speed communication lines. --- ## 4. Understanding the Part Number Code Breakdown of **3ABP20-R**: * **3ABP:** The Series/Package size code (Dimensions). * **20:** The Inductance value code (2.0 Microhenries). * **-R:** Indicates RoHS (Restriction of Hazardous Substances) compliance or Tape & Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the 3ABP20-R?
    • ⤷ Are there equivalent alternatives from manufacturers like Vishay or TDK?
    • ⤷ How does a shielded inductor compare to an unshielded one in EMI-sensitive designs?