công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 398LMB100M2DH

  • AI
    ## Component Analysis: 398LMB100M2DH The **398LMB100M2DH** is a high-performance **Aluminum Electrolytic Capacitor**. It belongs to a class of "Snap-In" capacitors designed for power supply filtering and energy storage in industrial applications. --- ### 1. Key Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Capacitance** | 3900 µF | Energy storage capacity | | **Voltage Rating** | 100 VDC | Maximum operating DC voltage | | **Tolerance** | ±20% | Standard manufacturing variance | | **Temperature Range** | -40°C to +105°C | High-temperature stability | | **Lifetime** | 3,000 Hours | Rated at 105°C (longer at lower temps) | | **Termination Style** | Snap-In | 2-pin rigid mounting for PCBs | | **Case Size** | 35mm x 40mm | Diameter x Length | --- ### 2. Physical and Material Construction * **Electrolyte:** Liquid-based electrolyte designed for low ESR (Equivalent Series Resistance). * **Case:** Cylindrical aluminum can with an insulating PVC or PET sleeve. * **Terminal Design:** The "Snap-In" terminals are designed to lock into pre-drilled holes on a PCB before soldering, ensuring stability during the assembly process. * **Safety Vent:** Includes a pressure relief vent on the top or bottom to prevent explosion in case of overheating or reverse polarity. --- ### 3. Functional Applications This specific capacitor is typically found in the following electronic circuits: 1. **Switch Mode Power Supplies (SMPS):** Used for output filtering to smooth out voltage ripples. 2. **Uninterruptible Power Supplies (UPS):** Provides bulk energy storage for temporary power bridges. 3. **Motor Drives/Inverters:** Used in the DC link to stabilize the voltage bus. 4. **Audio Amplifiers:** High capacitance helps provide instantaneous current for bass transients. --- ### 4. Part Number Breakdown (Typical for Illinois Capacitor/CDE) ```text 398 | LMB | 100 | M | 2DH | | | | |__ Case Size/Lead Style Code | | | |______ Tolerance (M = ±20%) | | |___________ Voltage (100 = 100VDC) | |_________________ Series (LMB = High Temp/Long Life) |_______________________ Capacitance (398 = 39 x 10^8 pF = 3900uF) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives for this capacitor from other brands like Nichicon or United Chemi-Con?
    • ⤷ How does the ripple current rating affect the lifespan of this specific model?
    • ⤷ What is the recommended PCB footprint/hole spacing for a 2-pin snap-in capacitor of this size?