398LBA063M2CE
AI

The part number **398LBA063M2CE** refers to a high-performance **Aluminum Electrolytic Capacitor**, typically manufactured by companies like Illinois Capacitor (now part of Cornell Dubilier/CDE). These capacitors are designed for "Snap-In" mounting on printed circuit boards (PCBs).
---
## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 3,900 µF (Microfarads) |
| **Voltage Rating** | 63 VDC (Volts Direct Current) |
| **Tolerance** | ±20% (M) |
| **Operating Temperature** | -40°C to +105°C |
| **Termination Style** | Snap-In (2-Prong) |
| **Case Size (Approx.)** | 22mm x 40mm (or similar based on series) |
| **Lifetime** | ~2,000 to 3,000 hours at 105°C |
---
## Part Number Breakdown (Nomenclature)
Understanding the alphanumeric code helps identify the component's physical and electrical characteristics:
1. **398**: Represents the **Capacitance**. The first two digits (39) are the significant figures, and the third (8) is the multiplier ($10^8$ in picofarads). $39 \times 10^8$ pF = 3,900 µF.
2. **LBA**: The **Series Name**. LBA is a high-temperature, long-life snap-in series.
3. **063**: The **Voltage Rating** (63 Volts).
4. **M**: The **Tolerance** code (M = ±20%).
5. **2CE**: This suffix usually refers to the **Case Dimensions** and packaging type (e.g., 22mm diameter).
---
## Key Features and Applications
### Features
* **High Ripple Current:** Designed to handle significant AC fluctuations on top of the DC voltage.
* **Snap-In Terminals:** Provides a secure mechanical fit to the PCB before soldering, which is ideal for power supply environments.
* **High Temperature Rating:** The 105°C rating makes it suitable for industrial environments where heat is a factor.
### Common Applications
* **Switch Mode Power Supplies (SMPS):** Used for smoothing and filtering rectified AC.
* **Audio Amplifiers:** Acts as a power reservoir for high-fidelity sound output.
* **Industrial Controls:** Provides energy storage and voltage stabilization.
* **Uninterruptible Power Supplies (UPS):** Used in the DC link stages.
---
## Installation Precautions
* **Polarity:** Electrolytic capacitors are polarized. Ensure the negative stripe on the casing aligns with the negative marking on the PCB.
* **Voltage Derating:** It is best practice to operate the capacitor at 80% or less of its rated voltage (63V) to increase longevity.
* **Heat Sensitivity:** Avoid placing the component directly next to high-heat sources like power resistors or heat sinks.
- ⤷
What are the equivalent alternative part numbers for the LBA series?
- ⤷ How do I calculate the ripple current limit for this specific capacitor?
- ⤷ What is the difference between a 2-prong and 4-prong snap-in capacitor?