396-R1-B
AI

The **396-R1-B** is a specific electronic component identifier commonly associated with **Liquid Level Sensors** (specifically optical or ultrasonic switches) or specialized **RF/Coaxial connectors**, depending on the manufacturer (often Gems Sensors or similar industrial hardware providers).
Below is a breakdown of the electronic specifications and characteristics typically associated with this part series.
---
### 1. General Specifications
If this part refers to the **Optical Liquid Level Sensor** series (a common application for this part number), the specifications are as follows:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 5V DC to 24V DC (Standard Range) |
| **Output Type** | Open Collector (Sink/NPN or Source/PNP) |
| **Current Consumption** | ~15mA to 25mA |
| **Operating Pressure** | Up to 2500 PSI (depending on housing) |
| **Termination** | Lead wires or customized connectors |
### 2. Key Electronic Components
The internal circuitry of a 396-R series device typically consists of:
* **Infrared LED:** Acts as the light source. When no liquid is present, the light reflects back to the sensor.
* **Phototransistor:** Acts as the receiver. When liquid covers the sensor tip, the infrared light is "lost" into the liquid, causing the phototransistor to change state.
* **Internal Regulator:** Allows the device to handle a range of input voltages without damaging the optical components.
* **Switching Transistor:** Handles the actual output signal to the PLC or microcontroller.
### 3. Wiring Configuration
Most variations of the 396-R series follow a standard industrial 3-wire color code:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red** | VCC | Positive Power Supply (e.g., +12V) |
| **Black** | GND | Common Ground |
| **White/Blue** | Signal Out | Logic output (High/Low based on wet/dry) |
---
### 4. Implementation Example
To interface this part with an Arduino or PLC, you typically need a pull-up resistor if the output is an Open Collector type.
```cpp
// Basic Logic for Reading 396-R1-B Sensor
const int sensorPin = 2; // Signal wire connected to digital pin 2
void setup() {
pinMode(sensorPin, INPUT_PULLUP); // Use internal pull-up
Serial.begin(9600);
}
void loop() {
int sensorState = digitalRead(sensorPin);
if (sensorState == LOW) {
Serial.println("Liquid Detected!");
} else {
Serial.println("Dry");
}
delay(500);
}
```
---
### 5. Identification Check
If your part is a **RF Connector** (found in some military/telecom catalogs), the "396-R1-B" refers to:
* **Impedance:** 50 Ohms.
* **Body Material:** Brass with Nickel or Gold plating.
* **Dielectric:** PTFE (Teflon).
- ⤷Is the 396-R1-B you are referring to a liquid level sensor or a connector?
- ⤷ What is the specific manufacturer name on the component casing?
- ⤷ What voltage are you planning to use for this part?