công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 38-R144D3000

  • AI
    The part number **38-R144D3000** typically corresponds to a specific configuration of a **Pressure Sensor** or **Pressure Transducer**, often associated with industrial automation or HVAC systems (frequently found in brands like Carrier or specialized sensor manufacturers). --- ### Technical Specifications Overview Based on the standard nomenclature for this series of industrial sensors, here are the likely electronic characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | Pressure Transducer / Sensor | | **Output Signal** | Typically 0.5V to 4.5V Ratiometric or 4-20mA | | **Pressure Range** | Commonly 0 to 3000 PSI (as indicated by the "3000" suffix) | | **Supply Voltage** | 5V DC (if ratiometric) or 10-30V DC (if current loop) | | **Connection Type** | Circular connector (e.g., Packard/Metri-Pack) or integral cable | | **Thread Type** | 1/4" NPT or Schrader deflector | --- ### Key Electronic Components & Functionality #### 1. Sensing Element (Wheatstone Bridge) Inside the 38-R144D3000, there is a **piezoresistive** or **strain gauge** element arranged in a Wheatstone bridge circuit. As pressure is applied to the diaphragm, the resistance changes, creating a micro-voltage variance. #### 2. ASIC (Application-Specific Integrated Circuit) Modern sensors like this use an internal ASIC to: * **Amplify:** Boost the millivolt signal from the bridge to a usable level. * **Compensate:** Adjust for temperature fluctuations to ensure accuracy across a wide range (Thermal Compensation). * **Linearize:** Ensure the output voltage/current is directly proportional to the physical pressure. #### 3. Protection Circuitry To survive industrial environments, the electronics include: * **Reverse Polarity Protection:** Prevents damage if the power wires are swapped. * **EMI/RFI Shielding:** Filters out electronic noise from nearby motors or radio frequencies. --- ### Wiring Configuration (Typical) For a standard 3-pin ratiometric version of this sensor, the pinout is usually as follows: | Pin | Function | Wire Color (Typical) | | :--- | :--- | :--- | | **1** | Ground (Common) | Black | | **2** | Supply Voltage (Vcc) | Red | | **3** | Output Signal (Vout) | Green / White | --- ### Applications * **HVAC/R:** Monitoring high-side refrigerant pressure. * **Hydraulics:** Measuring fluid pressure in heavy machinery. * **Industrial Process:** Monitoring gas or liquid lines in automated factories.
    ✨ Follow-up Questions
    • ⤷What is the exact output signal type for the 38-R144D3000?
    • ⤷ How do I test this sensor with a multimeter?
    • ⤷ What are the common failure symptoms of this pressure transducer?