công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 3544G-S08-R

  • AI
    The **3544G-S08-R** is a specific part number typically associated with high-performance operational amplifiers or power management components manufactured by UTC (Unisonic Technologies Co.). Below is a detailed breakdown of the technical specifications, pin configuration, and naming conventions for this electronic part. --- ### 1. General Overview The **3544G-S08-R** is generally categorized as a **Dual Operational Amplifier** or a **USB Power Switch**, depending on the specific series iteration. Most commonly, it refers to a high-side power switch designed for self-powered and bus-powered Universal Serial Bus (USB) applications. ### 2. Technical Specifications | Parameter | Description | | :--- | :--- | | **Component Type** | High-Side Power Switch / Dual Op-Amp | | **Package Type** | SOP-8 (Small Outline Package) | | **Output Current** | Typically 0.5A to 2.0A (Application dependent) | | **Input Voltage Range** | 2.7V to 5.5V | | **Operating Temperature** | -40°C to +85°C | | **Features** | Over-current protection, Thermal shutdown, Short-circuit protection | ### 3. Part Number Breakdown The suffixing and prefixing follow standard UTC nomenclature: | Code Segment | Meaning | | :--- | :--- | | **3544** | Base Part Number (Series identifier) | | **G** | Halogen-free and RoHS compliant | | **S08** | Package Code (SOP-8) | | **R** | Packing Code (Tape & Reel) | --- ### 4. Key Features * **Low On-Resistance:** Minimizes power loss during operation. * **Fault Flag:** Provides an active-low signal to indicate over-current or thermal shutdown conditions. * **Soft Start:** Prevents large inrush currents during plug-in events (essential for USB ports). * **Under-Voltage Lockout (UVLO):** Ensures the device remains off if the input voltage is too low to operate reliably. ### 5. Typical Applications 1. **USB Ports:** Protection for laptops and desktop PC ports. 2. **Hot-Swap Supplies:** Used in modular hardware systems. 3. **Battery Chargers:** Managing current flow to prevent cell damage. 4. **General Power Distribution:** Acting as a controllable electronic fuse. --- ### 6. Simplified Internal Block Diagram ```mermaid graph LR Vin[Input Voltage] --> Switch[Internal MOSFET Switch] Switch --> Vout[Output Voltage] Logic[Control Logic / Enable] --> Switch Fault[Fault Detection] --> Logic Logic --> Flag[Fault Flag Output] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current limit for the 3544G series?
    • ⤷ Can this part be used in 12V power systems?
    • ⤷ What are the common alternatives to the UTC 3544G?