công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 34-RVW4GD1100

  • AI
    The part number **34-RVW4GD1100** corresponds to a high-current, heavy-duty rocker switch manufactured by **E-Switch** (specifically part of the RVW series). This component is designed for applications requiring environmental protection and high power handling. --- ### 1. Technical Specifications The following table summarizes the key electrical and mechanical characteristics of the 34-RVW4GD1100: | Feature | Specification | | :--- | :--- | | **Switch Type** | Rocker Switch | | **Circuitry** | DPDT (Double Pole Double Throw) | | **Switch Function** | ON-ON | | **Current Rating** | 20A @ 125VAC / 15A @ 277VAC | | **Horsepower Rating** | 2HP @ 110-250VAC | | **Ingress Protection** | IP67 (Dust tight and Waterproof) | | **Termination** | Quick Connect (6.3mm / 0.250") | | **Illumination** | Non-Illuminated | | **Mounting Type** | Panel Mount, Snap-In | --- ### 2. Key Design Features * **Environmental Sealing:** The "W" in the RVW series stands for "Waterproof." It features an internal seal that protects the internal contacts from liquid and dust ingress, making it suitable for harsh environments. * **Heavy Duty Construction:** This switch is built to handle inductive loads (motors) and high-current resistive loads, common in industrial machinery. * **Full-Size Actuator:** It uses a large rocker surface, making it easy to operate while wearing gloves. --- ### 3. Pinout and Circuit (DPDT) The **DPDT (Double Pole Double Throw)** configuration means the switch controls two separate circuits simultaneously. Each pole can toggle between two different output paths. ```text Terminal Layout: [1] [4] <-- Input/Common 1 & 2 [2] [5] <-- Output Path A [3] [6] <-- Output Path B ``` --- ### 4. Common Applications Due to its IP67 rating and high amperage, this part is frequently found in: 1. **Industrial Equipment:** Power washers, floor scrubbers, and heavy machinery. 2. **Marine Electronics:** Boat dashboards and external control panels. 3. **Commercial Appliances:** Professional-grade ovens and food processing equipment. 4. **Outdoor Power Tools:** Woodworking and construction equipment exposed to debris.
    ✨ Follow-up Questions
    • ⤷ What are the panel cutout dimensions required for mounting the RVW series?
    • ⤷ Can this switch be used in 12V DC automotive applications safely?
    • ⤷ What is the difference between the RVW4 and the standard RV series?