công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 3216FF1.25-R

  • AI
    ## 3216FF1.25-R: Component Overview The **3216FF1.25-R** is a high-performance, surface-mount (SMD) fast-acting fuse. It is commonly used in electronic circuits to provide overcurrent protection for sensitive components. This specific part is manufactured by **Eaton (formerly Bussmann)**. --- ### Technical Specifications The technical characteristics of the 3216FF1.25-R are summarized in the table below: | Feature | Specification | | :--- | :--- | | **Package Size** | 3216 (Metric) / 1206 (Imperial) | | **Current Rating** | 1.25 Amperes | | **Voltage Rating (DC)** | 32 VDC | | **Voltage Rating (AC)** | 32 VAC | | **Interrupt Rating** | 50A at 32VDC | | **Fuse Characteristic** | Very Fast Acting (FF) | | **Material** | Ceramic Body, Silver Plated Terminations | | **RoHS Compliant** | Yes (Lead-Free) | --- ### Key Features and Construction 1. **Size (1206/3216):** The designation "3216" refers to its dimensions in millimeters (3.2mm x 1.6mm), which corresponds to the standard "1206" imperial size. This makes it ideal for automated assembly on PCBs. 2. **Fast Acting (FF):** The "FF" stands for "Very Fast-Acting." This means the fuse is designed to open almost instantly when an overcurrent occurs, protecting delicate semiconductors that cannot withstand even brief surges. 3. **Thick Film Technology:** It utilizes a thick film on a ceramic substrate, ensuring stable electrical performance and high mechanical durability. 4. **-R Suffix:** Indicates that the part is fully compliant with RoHS (Restriction of Hazardous Substances) standards. --- ### Common Applications This component is typically found in low-voltage DC applications where space is limited and speed is critical: * **Mobile Electronics:** Smartphones, tablets, and laptops. * **LCD Displays:** Protection for backlight inverters and logic boards. * **Peripherals:** USB ports, PCMCIA cards, and modems. * **Battery Packs:** Protecting the charging circuitry from short circuits. --- ### Comparison with Slow-Blow Fuses | Feature | 3216FF (Fast Acting) | 3216TD (Time Delay/Slow-Blow) | | :--- | :--- | :--- | | **Response Speed** | Instantaneous | Delayed | | **Inrush Handling** | Poor (might blow on startup) | Excellent (ignores brief surges) | | **Protection Level** | High (protects sensitive ICs) | Moderate (protects motors/coils) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current this fuse can handle before blowing?
    • ⤷ Can this fuse be used in 120V AC applications?
    • ⤷ What are the recommended soldering profiles for this 1206 package?