31-28-RFX
AI

The **31-28-RFX** is a high-performance, precision RF (Radio Frequency) connector, specifically a **BNC Straight Plug** designed for use with specific types of coaxial cables. It is manufactured by **Amphenol RF**, a global leader in interconnect technology.
---
### 1. Technical Specifications
Below are the primary electronic and mechanical specifications for the 31-28-RFX:
| Property | Specification |
| :--- | :--- |
| **Connector Type** | BNC (Bayonet Neill–Concelman) |
| **Gender** | Male (Plug) |
| **Impedance** | 50 Ohms |
| **Frequency Range** | DC to 4 GHz (Optimized performance) |
| **Voltage Rating** | 500 Volts Peak |
| **Dielectric Material** | PTFE (Teflon) |
| **Body Material** | Brass |
| **Body Plating** | Nickel |
| **Contact Plating** | Gold |
---
### 2. Physical Design and Assembly
The "RFX" designation often indicates a commercial-grade series that provides a cost-effective solution without sacrificing high-frequency integrity.
* **Attachment Method:** This is a **Crimp-Crimp** connector. Both the internal center contact and the external outer braid ferrule are secured using a crimping tool.
* **Cable Compatibility:** It is specifically designed to fit **RG-58, RG-141, and LMR-195** coaxial cables.
* **Coupling Mechanism:** It uses a two-stud bayonet lock system, allowing for "quick connect/disconnect" functionality with a simple quarter-turn.
---
### 3. Applications
The 31-28-RFX is commonly used in environments requiring reliable RF transmission:
1. **Test and Measurement:** Oscilloscopes, signal generators, and spectrum analyzers.
2. **Telecommunications:** Base station equipment and radio antennas.
3. **Broadcasting:** Video signals (though 75-ohm versions are more common for HD-SDI, 50-ohm is standard for RF data).
4. **Security:** CCTV systems utilizing RG-58 cabling.
---
### 4. Cross-Reference & Alternatives
If you are sourcing this part, it is helpful to know common equivalents:
```markdown
- Manufacturer: Amphenol RF
- Part Number: 31-28-RFX
- Alternative Series: 31-58 (Standard Military Grade)
- Competitor Equivalent: TE Connectivity 225395-6
```
- ⤷
What are the specific crimp tool die sizes required for the 31-28-RFX?
- ⤷ What is the difference between this 50-ohm BNC and a 75-ohm BNC connector?
- ⤷ Does this connector support 4K/UHD video signals?