công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 30-059

  • AI
    The model number **30-059** is most commonly associated with high-performance automotive electronics, specifically manufactured by **AEM Performance Electronics**. This part number refers to the **X-Series Digital Wideband UEGO Air/Fuel Ratio (AFR) Controller Gauge**. --- ### 1. Technical Specifications The 30-059 is an electronic instrument used to monitor the combustion efficiency of an internal combustion engine by measuring the oxygen content in the exhaust. | Feature | Specification | | :--- | :--- | | **Measurement Range** | 8.0:1 to 20.0:1 AFR / 0.55 to 1.30 Lambda | | **Output Type** | 0-5V Analog & RS232 Serial | | **Display Type** | 4-Digit LED with 24-color Outer Ring | | **Response Speed** | Industry-leading (under 20ms) | | **Sensor Type** | Bosch LSU 4.9 LSU Oxygen Sensor | | **Operating Voltage** | 10V to 18V DC | --- ### 2. Key Electronic Components The device is composed of several critical electronic sub-systems that work together to provide real-time data: #### A. Microprocessor Control The heart of the 30-059 is a high-speed processor that utilizes AEM's proprietary **X-Digital technology**. Unlike older analog controllers, this digital logic allows the gauge to process signals faster, reducing the "dead time" between a change in exhaust gas and the display update. #### B. The Bosch LSU 4.9 Sensor The electronic sensor (included in the kit) is a "wideband" oxygen sensor. It uses a **pumping cell** to maintain a specific electrochemical balance. The controller measures the current required to maintain this balance, which is then translated into an AFR value. #### C. Data Connectivity (I/O) * **Analog 0-5V Out:** Allows the gauge to send an electronic signal to an Engine Control Unit (ECU) for "closed-loop" tuning. * **RS232 Serial:** Used for connecting to data loggers or older PC interfaces. * **AEMnet (CAN bus):** A high-speed digital communication protocol used to daisy-chain multiple AEM devices together. --- ### 3. Wiring Configuration The electronics are connected via a specific pin-out harness: ```yaml Red: Switched 12V Power (+) Black: Ground (-) White: 0-5V Analog Output (To ECU) Blue: Serial Output (Optional Data Logging) Brown: Sensor Ground (To ECU Ground) ``` --- ### 4. Why it is used In performance electronics, the 30-059 serves as a "fail-safe" and tuning tool. By providing an accurate electronic reading of the air-to-fuel mixture, it prevents engine damage caused by "lean" conditions (too much air) or "rich" conditions (too much fuel) which can lead to detonation or fouled spark plugs. ---
    ✨ Follow-up Questions
    • ⤷How do I calibrate the 30-059 sensor?
    • ⤷ Can this gauge be used with fuels other than gasoline
    • ⤷ like E85?
    • ⤷ What is the difference between the 30-059 and the older 30-4110 model?