công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 3-H6-R

  • AI
    The **3-H6-R** typically refers to a specific series of **Automotive Micro-Miniature Blade Fuses**, commonly manufactured by brands like *Littelfuse* or *Bussmann*. These components are critical for circuit protection in modern vehicles and compact electronic assemblies. --- ### 1. Key Technical Specifications The "3-H6-R" nomenclature usually breaks down into the series, current rating, and packaging. Below are the general specifications for this class of component: | Feature | Specification | | :--- | :--- | | **Component Type** | Micro-Miniature Blade Fuse (Micro2) | | **Current Rating** | 3 Amperes | | **Voltage Rating** | 32V DC (Standard for automotive) | | **Interrupting Rating** | 1000A @ 32V DC | | **Operating Temp** | -40°C to +125°C | | **Housing Material** | PA66 (Thermoplastic) | | **Terminal Material** | Ag (Silver) plated zinc alloy | --- ### 2. Physical Characteristics These parts are designed for space-constrained environments. Their "Micro" designation refers to their small footprint compared to standard "Mini" or "ATO" fuses. * **Sub-miniature Design:** Utilizes a smaller pitch to allow more fuses in a smaller power distribution box. * **Color Coding:** In the automotive industry, a **3A fuse is typically Violet/Purple**. * **Terminals:** Two male blade terminals designed for plug-and-play insertion into a fuse holder or PCB. --- ### 3. Functional Role in Electronics The 3-H6-R acts as a **sacrificial device** to protect more expensive electronic components from overcurrent conditions. 1. **Overcurrent Protection:** If the current exceeds 3A, the internal element melts, breaking the circuit. 2. **Short Circuit Protection:** It prevents fires or wire meltdowns by instantly disconnecting the power source during a short. 3. **Low Resistance:** Designed with high conductivity to ensure minimal voltage drop across the fuse during normal operation. --- ### 4. Common Applications Due to its low amperage and small size, it is frequently found in: * **Automotive Control Modules:** Protecting sensors and low-power ECUs. * **Infotainment Systems:** Head units and display power lines. * **Industrial Automation:** Compact PLC modules and signal protection. --- ### 5. Identification Code Breakdown If you are looking at a manufacturer-specific part number (e.g., from *Littelfuse*), the code often follows this logic: ```text 3 - H - 6 - R | | | | | | | RoHS Compliant | | Series Revision/Packaging | High-Speed / High-Interrupt 3 Amp Rating ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Micro2 and a Micro3 fuse?
    • ⤷ Can I replace a 3A fuse with a 5A fuse if I don't have the exact part?
    • ⤷ How do I test if a 3-H6-R fuse is blown using a multimeter?