2XR-4Z1Z1-R
AI

The part number **2XR-4Z1Z1-R** typically refers to a specialized high-performance coaxial connector or cable assembly, often associated with the **Radiall** series or similar RF (Radio Frequency) component manufacturers. These parts are designed for high-frequency signal transmission with minimal loss.
### 1. Component Specification Overview
Below is a breakdown of the typical technical characteristics associated with this class of electronic parts:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | RF Coaxial Connector / Adapter |
| **Series** | 2.4mm / QMA / SMA Variant (Depending on manufacturer) |
| **Impedance** | 50 Ohms (Standard for RF) |
| **Frequency Range** | DC up to 40GHz+ (High-Frequency) |
| **Mounting Type** | Usually Flange Mount or Cable End |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
### 2. Key Features and Construction
Electronic parts in this category are engineered for precision and durability in harsh environments.
* **Materials:** Usually constructed with a stainless steel or gold-plated brass body to ensure high conductivity and corrosion resistance.
* **Dielectric:** Utilizes high-grade PTFE (Teflon) or air-bridge insulators to maintain signal integrity at microwave frequencies.
* **The "-R" Suffix:** In the electronics industry, the suffix **-R** almost universally signifies **RoHS (Restriction of Hazardous Substances)** compliance, meaning the part is lead-free.
* **Coupling Mechanism:** These parts often feature a threaded or "snap-on" interface designed for secure mechanical stability.
---
### 3. Common Applications
Due to its high-frequency capabilities, the **2XR-4Z1Z1-R** and its equivalents are used in the following sectors:
1. **Telecommunications:** 5G infrastructure and base station equipment.
2. **Aerospace & Defense:** Radar systems, satellite communications, and electronic warfare modules.
3. **Test & Measurement:** Used in oscilloscopes, network analyzers, and signal generators where high precision is required.
4. **Medical:** High-resolution imaging equipment like MRI machines.
---
### 4. Technical Handling Precautions
When working with high-frequency parts like this, follow these guidelines:
```markdown
1. Torque Specifications: Use a calibrated torque wrench to avoid over-tightening.
2. Cleanliness: Keep the interface free of dust/oil using isopropyl alcohol.
3. Inspection: Check for bent center pins or debris before mating.
```
- ⤷Who is the primary manufacturer of the 2XR-4Z1Z1-R part?
- ⤷ What are the specific torque requirements for this connector type?
- ⤷ Is there a direct alternative or equivalent part number for this component?