2VS-K6-R
AI

The **2VS-K6-R** is a specific electronic component, typically identified as a **Miniature Toggle Switch** or a specialized **PCB-mount switch**, often associated with manufacturers like *Salecom* or similar industrial electronics providers.
Below is a detailed breakdown of its specifications, construction, and typical applications.
---
### 1. Technical Specifications
This component is designed for low-power signaling and PCB (Printed Circuit Board) integration.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Switch Function** | SPDT (Single Pole Double Throw) |
| **Actuator Position** | On-On (2 Positions) |
| **Contact Rating** | 2A @ 250VAC / 5A @ 120VAC or 28VDC |
| **Mounting Type** | Through-Hole PCB / Vertical Support |
| **Terminal Type** | PC Pin (Gold or Silver plated) |
| **Operating Temp** | -30°C to +85°C |
---
### 2. Key Features and Materials
The "K6" and "R" suffixes in the part number usually denote specific mechanical configurations:
* **Vertical Support (VS):** The "VS" prefix indicates that the switch includes a metal bracket for vertical mounting on a PCB. This provides mechanical stability so the solder joints don't snap when the switch is toggled.
* **Sealed Construction:** These parts often feature an epoxy seal at the base of the terminals to prevent contamination during soldering or cleaning processes.
* **Materials:**
* **Case:** Diallyl phthalate (DAP) (UL94V-0).
* **Actuator:** Chrome-plated brass or nylon.
* **Contacts:** Silver or Gold-plated copper alloy.
---
### 3. Pin Configuration (SPDT)
The 2VS-K6-R generally utilizes a three-pin configuration for the switching logic:
1. **Pin 1:** Fixed Contact.
2. **Pin 2:** Common (Center).
3. **Pin 3:** Fixed Contact.
When the toggle is flipped, Pin 2 connects to either Pin 1 or Pin 3.
---
### 4. Typical Applications
Due to its small footprint and vertical support bracket, this part is commonly used in:
* **Telecommunications:** Network routing equipment and modems.
* **Instrumentation:** Multimeters, oscilloscopes, and handheld testers.
* **Medical Equipment:** Control panels for diagnostic devices.
* **Audio Gear:** Effect pedals, amplifiers, and mixing consoles.
---
- ⤷
What is the exact lead spacing for the 2VS-K6-R PCB mounting?
- ⤷ Can this switch be used for high-current DC motor control?
- ⤷ Are there waterproof versions (IP67) of this specific toggle switch series?