công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2VABS-ZDC-R

  • AI
    The identifier **2VABS-ZDC-R** refers to a specific component manufactured by **Zilog** (now part of Littelfuse), which is primarily associated with the **ZNEO** or **Z8 Encore!** microcontroller development ecosystems. Specifically, this part is an **Accessory Board** designed to interface with Zilog’s development kits, often used for debugging, programming, or expanding the I/O capabilities of their 16-bit and 8-bit microcontrollers. --- ### 1. Technical Specifications Overview This component is typically categorized as a **Development Board Accessory** or a **Smart Cable/Interface Adapter**. | Feature | Description | | :--- | :--- | | **Manufacturer** | Zilog / Littelfuse | | **Product Family** | Z8 Encore! / ZNEO / eZ80 | | **Function** | Debugging and Programming Interface | | **Interface Type** | USB to DBG (Debug Port) | | **Voltage Range** | Typically 3.3V to 5V (USB powered) | | **Form Factor** | Small PCB with protective casing or heat-shrink | --- ### 2. Key Functional Blocks The "ZDC" (Zilog Debug Communication) series typically includes the following electronic sections: 1. **USB Controller:** Converts the host PC's USB signals into a format the microcontroller can understand (UART or SPI-based debugging). 2. **Level Shifters:** Ensures the logic levels (voltage) match between the PC and the target microcontroller board (e.g., shifting 5V USB down to 3.3V target). 3. **Status LEDs:** Provides visual feedback for Power, Transmit (TX), and Receive (RX) activity. 4. **Target Connector:** A 6-pin or 10-pin header that connects directly to the "Debug" pins on the target MCU. --- ### 3. Common Applications * **Firmware Uploading:** Burning hex files into the internal Flash memory of Zilog microcontrollers. * **In-Circuit Emulation (ICE):** Allowing developers to set breakpoints, step through code, and view register values in real-time. * **Prototyping:** Used by engineers to test code before final hardware production. --- ### 4. Integration with Software To use the **2VABS-ZDC-R**, you generally require the **Zilog Developer Studio (ZDS II)** IDE. The steps for use are typically: 1. Connect the device to a PC via USB. 2. Connect the ribbon cable to the target MCU board. 3. In ZDS II settings, select "USB Smart Cable" or "ZDC" as the communication tool.
    ✨ Follow-up Questions
    • ⤷ Which Zilog microcontrollers are compatible with the ZDC-R interface?
    • ⤷ How do I troubleshoot a 'Target Not Found' error with this programmer?
    • ⤷ Where can I download the latest drivers for the 2VABS-ZDC-R?