2UDS-C3-R/
AI

The **2UDS-C3-R** is a specific model identifier for a **redundant power supply module**, commonly used in industrial servers, network storage (NAS), and rackmount chassis. This part is typically manufactured by brands like **SureStar** or used in **Chenbro** enclosures.
---
## 🛑 Technical Specifications
The "2UDS" series generally refers to a 2U Form Factor Dual (Redundant) Power Supply.
| Feature | Specification Details |
| :--- | :--- |
| **Form Factor** | 2U Redundant (Fits 2U Rackmount Chassis) |
| **Input Voltage** | 100V - 240V AC (Universal Input) |
| **Output Power** | Typically 300W to 500W (Model dependent) |
| **Efficiency** | Often 80 PLUS certified |
| **Cooling** | Dual ball-bearing fans (usually 38mm or 40mm) |
| **Hot-Swappable** | Yes (Can be replaced while the system is running) |
---
### 🛠️ Key Electronic Components
The internal architecture of the 2UDS-C3-R consists of several critical stages:
1. **EMI Filter Stage:**
- Prevents electromagnetic interference from the power line from entering the PSU and vice versa.
- Uses X and Y capacitors and common-mode chokes.
2. **PFC (Power Factor Correction):**
- Most "C3" variants include Active PFC to ensure high efficiency and stable power delivery under varying loads.
3. **DC-to-DC Converters:**
- These modules convert the primary high voltage into stable +3.3V, +5V, and +12V rails.
4. **Protection Circuitry (IC Based):**
- **OVP:** Over Voltage Protection.
- **OCP:** Over Current Protection.
- **SCP:** Short Circuit Protection.
---
### 🔌 Pinout and Connectivity
The "R" in the suffix usually denotes the **Redundant** module interface. Unlike a standard ATX power supply, this module connects to a **Power Distribution Board (PDB)** via a specialized gold-finger edge connector rather than a direct cable harness.
| Component | Function |
| :--- | :--- |
| **Gold Finger Connector** | Interfaces with the backplane for load sharing. |
| **LED Indicators** | Green (OK), Amber/Red (Fail), Blinking (Standby). |
| **TTL Signal Pins** | Provides status signals (PS-ON, PW-OK) to the motherboard. |
---
### ⚠️ Common Use Cases
* **Server Maintenance:** Replacing a failed module in a dual-supply setup to restore redundancy.
* **Industrial Automation:** Powering high-availability controllers that cannot afford downtime.
* **Network Infrastructure:** Used in core switches or firewalls.
- ⤷
What is the maximum wattage rating for the 2UDS-C3-R variant?
- ⤷ How do I troubleshoot a red light error on this specific power module?
- ⤷ Is the 2UDS-C3-R compatible with standard ATX motherboards without a backplane?