2UDS-10-R/C
AI

Based on technical specifications, the **2UDS-10-R/C** (often associated with the **2UDS series**) is a high-performance **Ultrasonic Sensor Module** typically used for distance measurement and object detection in industrial or DIY electronics.
Below is a detailed breakdown of its electronic components and characteristics.
---
### 1. Technical Specifications
The following table highlights the primary electrical parameters for this specific type of sensor:
| Parameter | Specification |
| :--- | :--- |
| **Operating Voltage** | 5V DC (standard) |
| **Operating Current** | < 15mA |
| **Ultrasonic Frequency** | 40 kHz |
| **Max Detection Range** | ~4 meters |
| **Min Detection Range** | ~2 cm |
| **Output Type** | PWM / Digital Pulse (R/C control compatible) |
| **Beam Angle** | < 15 degrees |
---
### 2. Core Electronic Components
The module consists of several critical stages to convert sound waves into electrical data:
* **Ultrasonic Transducer (Emitter):** A piezoelectric element that converts electrical pulses into 40kHz sound waves.
* **Ultrasonic Receiver:** A sensitive transducer that detects the reflected sound waves (echoes) and converts them back into small electrical voltages.
* **Signal Amplifier:** Since the returning echo is very weak, an onboard Op-Amp (Operational Amplifier) circuit boosts the signal for processing.
* **Control Chip (MCU/ASIC):** An integrated circuit that handles the timing of the pulse. It triggers the emitter and calculates the time elapsed until the receiver detects the echo.
* **Clock Crystal:** Provides a stable frequency reference to ensure the 40kHz output is precise.
---
### 3. Pin Configuration and Interface
The **R/C** designation usually implies it is compatible with Remote Control (servo-style) PWM signals or standard microcontroller inputs.
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **VCC** | Power Supply | Connects to +5V. |
| **Trig** | Trigger Input | A 10µs pulse starts the measurement cycle. |
| **Echo** | Echo Output | The duration of the high signal represents the distance. |
| **GND** | Ground | Common reference (0V). |
---
### 4. How it Works (Logic Flow)
1. **Trigger:** The user sends a high-level signal to the `Trig` pin for at least 10 microseconds.
2. **Sonic Burst:** The module automatically sends eight 40kHz ultrasonic cycles.
3. **Reception:** The module waits for the reflection.
4. **Calculation:** The `Echo` pin goes high the moment the burst is sent and goes low when the echo is received.
* **Formula:** `Distance = (Time High × Speed of Sound) / 2`
---
### 5. Implementation Example
Here is a basic example of how to interface a similar sensor with an Arduino:
```cpp
const int trigPin = 9;
const int echoPin = 10;
void setup() {
Serial.begin(9600);
pinMode(trigPin, OUTPUT);
pinMode(echoPin, INPUT);
}
void loop() {
digitalWrite(trigPin, LOW);
delayMicroseconds(2);
digitalWrite(trigPin, HIGH);
delayMicroseconds(10);
digitalWrite(trigPin, LOW);
long duration = pulseIn(echoPin, HIGH);
int distance = duration * 0.034 / 2; // Speed of sound is 0.034 cm/us
Serial.print("Distance: ");
Serial.println(distance);
delay(100);
}
```
- ⤷
What are the main differences between the R/C version and the standard I2C version of this sensor?
- ⤷ How can environmental factors like temperature affect the accuracy of the 2UDS-10-R/C?
- ⤷ What is the maximum current draw when the sensor is actively pulsing?