2TT-13-R/
AI

The **2TT-13-R** is a specific type of electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor** or a specialized **Pulse Transformer**, often associated with manufacturer series like those from Pulse Electronics or similar magnetic component specialists.
### 1. Technical Specifications
While exact specs can vary based on the manufacturer's prefix, components in this family generally adhere to the following characteristics:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Type** | Power Inductor / Magnetic Core Component |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Inductance Range** | Typically measured in $\mu H$ (Microhenries) |
| **Operating Temp** | -40°C to +125°C (Industrial Grade) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Key Features
The "2TT" series usually emphasizes compact design and high reliability. Key features include:
* **Low Profile:** Designed for dense PCB layouts where vertical space is limited.
* **High Saturation Current:** Ability to handle significant current without the magnetic core losing its inductive properties.
* **Shielded Construction:** Most versions are magnetically shielded to reduce Electromagnetic Interference (EMI) with surrounding components.
* **Lead-Free (-R):** The "R" suffix explicitly denotes that the part is RoHS (Restriction of Hazardous Substances) compliant, meaning it is lead-free.
---
### 3. Common Applications
These parts are integral to power management and signal conditioning in modern electronics:
1. **DC-DC Converters:** Used for energy storage and filtering in voltage regulation circuits.
2. **Telecommunications:** Often found in networking equipment for signal isolation or noise suppression.
3. **Consumer Electronics:** Used in laptops, tablets, and LED drivers to manage power efficiency.
4. **Automotive Systems:** Integrated into infotainment or power control modules (if AEC-Q200 qualified).
---
### 4. Identification and Marking
* **2TT:** Represents the series name and physical package size.
* **13:** Usually indicates a specific electrical characteristic (like inductance value or a design code).
* **R:** Signifies RoHS compliance/Lead-free termination.
---
- ⤷What is the specific inductance value for the 2TT-13-R model?
- ⤷ Which manufacturer produces the 2TT series of inductors?
- ⤷ Are there equivalent cross-reference parts for the 2TT-13-R?