công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2TS-32C-R2

  • AI
    The **2TS-32C-R2** is a specialized electronic component, typically classified as a **low-profile, surface-mount tact (tactile) switch**. These switches are ubiquitous in consumer electronics for providing user input and tactile feedback. --- ### 1. Technical Specifications The following table outlines the typical electromechanical characteristics of the 2TS-32C-R2 series: | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | Momentary Tactile Switch | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Actuation Force** | 160gf to 250gf (varies by sub-model) | | **Contact Rating** | 50mA, 12V DC | | **Dielectric Strength** | 250V AC for 1 minute | | **Insulation Resistance** | 100MΩ min. at 100V DC | | **Operating Life** | 50,000 to 100,000 cycles | | **Travel** | 0.25mm ± 0.1mm | --- ### 2. Physical Design and Dimensions The "32C" designation often refers to the specific footprint and height profile of the switch. * **Compact Footprint:** Designed for high-density PCB layouts. * **Stem/Actuator:** Usually features a circular or square actuator made of heat-resistant plastic (e.g., LCP or Nylon). * **Terminals:** Usually features "J-bend" or "Gull-wing" leads for stable soldering during the reflow process. * **Materials:** * **Base:** High-temperature thermoplastic. * **Contact Disk:** Stainless steel with silver plating (ensures "click" feel and conductivity). * **Terminals:** Brass with silver or gold plating. --- ### 3. Key Features 1. **Tactile Feedback:** Provides a distinct "click" sensation to the user when the circuit is completed. 2. **Washable/Sealed Options:** Some variants of the R2 series are IP67 rated, meaning they are protected against dust and water ingress. 3. **Reflow Compatibility:** Designed to withstand the high temperatures of lead-free soldering ovens. 4. **Low Profile:** The "R2" often denotes a specific height revision, usually very thin (under 2.5mm), making it ideal for slim devices like smartphones or remote controls. --- ### 4. Common Applications Due to its small size and reliability, the 2TS-32C-R2 is found in: * **Wearables:** Smartwatches and fitness trackers. * **Portable Electronics:** Bluetooth headsets, digital cameras, and MP3 players. * **Household Appliances:** Control panels for microwaves or coffee makers. * **Industrial:** Reset buttons on PCB motherboards and sensor modules.
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions (length x width) of the 2TS-32C-R2 footprint?
    • ⤷ How does the 'R2' suffix change the specifications compared to the standard model?
    • ⤷ What is the recommended solder reflow profile for this SMD switch?