công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SK2052-R

  • AI
    ### 2SK2052-R: Electronic Component Overview The **2SK2052-R** is an N-channel junction field-effect transistor (JFET) typically used for high-frequency amplification and signal switching. It is commonly found in audio equipment, radio receivers, and low-noise pre-amplifiers. --- ### 1. Key Technical Specifications The "R" suffix usually denotes a specific classification for the **IDSS** (Drain Saturation Current) range, which is critical for circuit biasing. | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSX}$ | 40 | V | | **Gate-Drain Voltage** | $V_{GDO}$ | -40 | V | | **Gate Current** | $I_G$ | 10 | mA | | **Allowable Power Dissipation** | $P_D$ | 150 - 200 | mW | | **Junction Temperature** | $T_j$ | 150 | °C | | **Package Type** | - | SOT-23 / SC-59 | - | --- ### 2. Main Characteristics * **Low Noise:** Designed to minimize electronic noise in the signal path, making it ideal for the first stage of an amplifier. * **High Input Impedance:** As a JFET, it draws almost no current at the gate, preventing loading effects on preceding circuit stages. * **High Gain:** Provides excellent forward transfer admittance ($|Y_{fs}|$), ensuring high signal amplification. * **Small Surface Mount Package:** Usually housed in a 3-pin SMD package, saving board space in modern electronics. --- ### 3. Pin Configuration Standard JFETs in this package follow a specific pinout (though always verify with the manufacturer-specific datasheet): 1. **Gate (G):** Controls the flow of current between Drain and Source. 2. **Source (S):** Where the majority of carriers enter the channel. 3. **Drain (D):** Where the majority of carriers leave the channel. --- ### 4. Common Applications * **Audio Preamplifiers:** Used in high-end audio gear for low-noise signal processing. * **Impedance Matching:** Converting a high-impedance source (like a piezo sensor) to a low-impedance output. * **RF Amplifiers:** Suitable for VHF/UHF frequency bands in radio receivers. * **Analog Switching:** Used as a voltage-controlled resistor or switch in signal routing. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific IDSS range values for the 'R' classification of this JFET?
    • ⤷ Can you provide a cross-reference or equivalent part for the 2SK2052-R?
    • ⤷ How does the 2SK2052 compare to a standard MOSFET in switching applications?