công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SD965AL-R-T92-B

  • AI
    The **2SD965AL-R-T92-B** is a high-current, low-voltage NPN epitaxial silicon transistor. It is specifically designed for applications requiring high current capacity in a small form factor, such as strobe flashes, camera equipment, and voltage regulators. --- ### 1. Key Technical Specifications The part number provides specific details about its performance and packaging. Here are the fundamental electrical characteristics: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | 40 V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 20 V | | **Emitter-Base Voltage** | $V_{EBO}$ | 7 V | | **Collector Current (DC)** | $I_C$ | 5 A | | **Collector Current (Pulse)** | $I_{CP}$ | 8 A | | **Total Power Dissipation** | $P_D$ | 750 mW | | **Transition Frequency** | $f_T$ | 150 MHz (Typ) | --- ### 2. Breakdown of the Part Number The alphanumeric code indicates the following characteristics: * **2SD965**: The base model number (NPN transistor). * **A**: Often denotes a slight variation in voltage rating or gain characteristic compared to the standard 2SD965. * **L**: Lead-free / RoHS compliant. * **R**: **hFE (Gain) Classification.** The "R" rank typically signifies a DC current gain range of approximately **230 to 600**. * **T92**: Refers to the **TO-92** plastic package style. * **B**: Usually indicates "Bulk" packaging (loose parts in a bag) or a specific lead forming style. --- ### 3. Pin Configuration (TO-92) When looking at the flat side of the transistor with the leads pointing down: 1. **Emitter (E)**: Left pin. 2. **Collector (C)**: Middle pin. 3. **Base (B)**: Right pin. --- ### 4. Typical Applications Due to its high peak current capability (up to 8A pulsed), this transistor is commonly used in: * **Camera Flash Circuits**: Charging capacitors for xenon tubes. * **DC-DC Converters**: Step-up or step-down voltage regulation. * **Motor Drivers**: Small toy motors or actuators requiring high start-up current. * **Audio Power Amplifiers**: Output stages for low-power portable devices. --- ### 5. Equivalent / Complementary Parts * **Complementary PNP**: The 2SB766 is often used alongside the 2SD965 for push-pull configurations. * **Potential Substitutes**: KSD965, MJE182 (though package and pinout may vary).
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the R
    • ⤷ S
    • ⤷ and T gain classifications for this transistor?
    • ⤷ Can this transistor be used in high-frequency switching applications above 100MHz?
    • ⤷ What is the thermal resistance value for the TO-92 package in this model?