công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SD965A-R-HF

  • AI
    The **2SD965A-R-HF** is a high-current, low-voltage NPN epitaxial silicon transistor designed specifically for applications requiring high efficiency and small physical footprints. It is commonly used in strobe flashes, camera equipment, and battery-powered portable devices. --- ### 1. Key Technical Specifications The following table highlights the absolute maximum ratings and primary characteristics of the device: | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 40 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 20 | V | | Emitter-Base Voltage | $V_{EBO}$ | 7 | V | | Collector Current (DC) | $I_C$ | 5 | A | | Collector Current (Pulse) | $I_{CP}$ | 8 | A | | Power Dissipation | $P_C$ | 0.75 | W | | DC Current Gain | $h_{FE}$ | 230 - 600 | - | --- ### 2. Part Number Breakdown Understanding the suffix nomenclature is critical for sourcing the correct component: * **2SD965A**: The base model number. * **R**: Represents the **hFE (Gain) Classification**. The "R" rank typically indicates a gain range between 230 and 600. * **HF**: Stands for **Halogen-Free**, indicating the component meets modern environmental safety standards. --- ### 3. Core Features * **High Current Capacity**: Despite its small package (usually TO-92MOD or SOT-89), it can handle a continuous collector current of 5A. * **Low Saturation Voltage**: Typically $V_{CE(sat)}$ is only 0.75V at $I_C = 3A$, which reduces power loss and heat generation. * **Fast Switching**: Optimized for rapid transitions, making it ideal for DC-to-DC converters. --- ### 4. Typical Applications 1. **Strobe Flash Units**: Its ability to handle high pulse currents ($8A$) makes it the standard choice for camera flash charging circuits. 2. **Audio Amplifiers**: Used in the output stages of portable audio devices. 3. **Voltage Regulators**: Efficient as a pass transistor in low-voltage power supplies. 4. **Relay/Motor Drivers**: Suitable for driving small motors or solenoids in battery-operated toys. --- ### 5. Equivalent/Substitution Parts If the 2SD965A-R-HF is unavailable, the following transistors are often considered as alternatives (verify pinouts before replacing): ```markdown 1. KSD965 (Fairchild/OnSemi equivalent) 2. 2SC2500 (Lower current rating, but similar voltage) 3. ZTX618 (High-performance E-Line package) ```
    ✨ Follow-up Questions
    • ⤷What are the pinout configurations for the TO-92MOD version of this transistor?
    • ⤷ How does the 'R' gain rank compare to the 'Q' or 'S' ranks?
    • ⤷ Can this transistor be used directly with a 5V microcontroller like an Arduino?