công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SD669-B-T92-R

  • AI
    The **2SD669-B-T92-R** is a high-performance NPN epitaxial silicon transistor designed primarily for power amplification and switching applications. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. General Overview This part is often used in the output stages of audio amplifiers or in DC-to-DC converters due to its high voltage rating and linearity. | Feature | Specification | | :--- | :--- | | **Polarity** | NPN | | **Material** | Silicon (Si) | | **Package Type** | TO-92 (T92 suffix) | | **Configuration** | Single Transistor | --- ### 2. Part Number Breakdown Understanding the suffix codes is crucial for sourcing the exact component: * **2SD669**: The base part number (NPN Power Transistor). * **B**: Represents the **hFE (Current Gain)** rank. Grade B typically falls within the 60–120 or 100–200 range (specific to UTC or Hitachi datasheets). * **T92**: Indicates the physical package style (**TO-92**), a small plastic package. * **R**: Usually denotes the **Tape & Reel** packaging for automated assembly. --- ### 3. Absolute Maximum Ratings These are the limits that should not be exceeded to prevent damage to the component: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 180 V | | Collector-Emitter Voltage | $V_{CEO}$ | 120 V | | Emitter-Base Voltage | $V_{EBO}$ | 5.0 V | | Collector Current (DC) | $I_C$ | 1.5 A | | Collector Current (Pulse) | $I_{CP}$ | 3.0 A | | Total Power Dissipation | $P_D$ | 1.0 W (at $T_a=25^\circ C$) | | Junction Temperature | $T_j$ | +150 °C | --- ### 4. Key Electrical Characteristics These values define how the transistor performs under standard operating conditions: * **Current Gain ($h_{FE}$):** Typically ranges from 60 to 320 across all grades, but the "B" rank narrows this range for better circuit matching. * **Transition Frequency ($f_T$):** Usually around **140 MHz**, making it suitable for high-frequency switching and clear audio reproduction. * **Collector-Emitter Saturation Voltage ($V_{CE(sat)}$):** Maximum 1.0V at $I_C = 1A$, indicating efficient switching with low power loss. --- ### 5. Common Applications * **Audio Amplifiers:** Used in the driver stage or low-power output stage. * **Voltage Regulators:** High $V_{CEO}$ allows it to handle higher input voltage rails. * **Relay Drivers:** Capable of switching up to 1.5A loads. * **Signal Shifters:** Used in industrial control circuits for level shifting. ---
    ✨ Follow-up Questions
    • ⤷What is the complementary PNP transistor for the 2SD669?
    • ⤷ How does the TO-92 package compare to the TO-126 version of this transistor?
    • ⤷ What are the specific hFE ranges for the B rank versus other ranks?