công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SD601A-R-HF

  • AI
    The **2SD601A-R-HF** is a Small Signal NPN Silicon Transistor typically used for general-purpose switching and amplification. It is often found in surface-mount applications due to its compact SOT-23 package. --- ### 1. Key Technical Specifications The following table outlines the absolute maximum ratings and electrical characteristics for the device: | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | 60 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 50 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 7 | V | | **Collector Current** | $I_C$ | 100 | mA | | **Power Dissipation** | $P_D$ | 200 | mW | | **DC Current Gain** | $h_{FE}$ | 210 – 340 | (Rank R) | | **Transition Frequency** | $f_T$ | 150 (typ) | MHz | --- ### 2. Component Nomenclature Breakdown Understanding the part number helps identify its specific properties and environmental compliance: * **2S**: Denotes a semiconductor registered with the JIS (Japanese Industrial Standards). * **D**: Indicates an NPN high-frequency transistor. * **601A**: The specific model number/design sequence. * **R**: Represents the **hFE (Current Gain) Rank**. The "R" rank typically falls between 210 and 340. * **HF**: Stands for **Halogen-Free**, indicating the component meets modern environmental safety standards (Green product). --- ### 3. Physical Features & Pinout The device is housed in an **SOT-23 (TO-236)** package, which is a standard miniature surface-mount plastic package. #### Pin Configuration: 1. **Base (B):** Controls the current flow between the collector and emitter. 2. **Emitter (E):** The lead through which the current leaves the transistor. 3. **Collector (C):** The lead through which the current enters the transistor. --- ### 4. Common Applications Due to its low current and high-speed characteristics, the 2SD601A-R-HF is ideal for: * **Signal Switching:** Turning small currents on and off in digital circuits. * **Preamplifiers:** Boosting low-level audio or RF signals. * **Driver Circuits:** Driving small loads like LEDs or low-power relays. * **Mobile Devices:** Its small footprint makes it suitable for space-constrained PCB designs.
    ✨ Follow-up Questions
    • ⤷ How does the 'R' gain rank compare to other ranks for this transistor?
    • ⤷ What are the recommended soldering temperature profiles for the SOT-23 package?
    • ⤷ Can you provide an equivalent PNP complementary part for this transistor?