công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SD1616-L-AB3-R

  • AI
    The **2SD1616-L-AB3-R** is an NPN epitaxial silicon transistor designed for use in power amplifier applications and low-speed switching. Below is a detailed technical breakdown of this electronic component. --- ## 1. Component Overview The part numbering typically breaks down as follows: * **2SD1616**: The base model number (NPN transistor). * **L**: The gain (hFE) classification (Rank L). * **AB3**: Refers to the **SOT-89** package type. * **R**: Tape and Reel packaging. ### Key Specifications | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 60 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 50 | V | | Emitter-Base Voltage | $V_{EBO}$ | 6.0 | V | | Collector Current (DC) | $I_C$ | 1.0 | A | | Collector Current (Pulse) | $I_{CP}$ | 2.0 | A | | Collector Power Dissipation | $P_C$ | 500 (standard) / 2000 (on PCB) | mW | | Junction Temperature | $T_j$ | 150 | °C | --- ## 2. Electrical Characteristics The "L" rank indicates a specific range for the DC Current Gain ($h_{FE}$), which is critical for circuit design. ### DC Gain (hFE) Ranks | Rank | L | K | U | | :--- | :--- | :--- | :--- | | **hFE Range** | **135 ~ 270** | 200 ~ 400 | 300 ~ 600 | ### Dynamic Parameters * **Transition Frequency ($f_T$):** Typically 150 MHz. This makes it suitable for high-frequency signal processing within its limits. * **Collector Output Capacitance ($C_{ob}$):** Typically 12 pF. * **Saturation Voltage ($V_{CE(sat)}$):** Low saturation voltage (Max 0.3V @ $I_C=0.5A$), which minimizes power loss when the transistor is used as a switch. --- ## 3. Package Pinout (SOT-89) The AB3 suffix denotes the SOT-89 surface mount package. It is designed for applications where space is limited but some power dissipation is required. ```text _______ | _ | <-- Heat sink (Collector) | |2| | ___|_______|___ | 1 2 3 | |___|___|___|___| | | | ``` | Pin Number | Assignment | | :--- | :--- | | 1 | Emitter (E) | | 2 | Collector (C) | | 3 | Base (B) | --- ## 4. Common Applications Due to its high collector current ($1A$) and low saturation voltage, this part is commonly found in: 1. **Audio Amplifiers**: Specifically in the output stage of low-power amplifiers. 2. **Voltage Regulators**: Used as a pass transistor in linear circuits. 3. **Relay/Solenoid Drivers**: Capable of handling the inrush current of inductive loads. 4. **DC-DC Converters**: Small-scale switching regulators.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacements for the 2SD1616 in a SOT-89 package?
    • ⤷ How does the thermal dissipation change when mounting this part on a multi-layer PCB?
    • ⤷ What is the complementary PNP transistor for the 2SD1616?