công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SD1257-R

  • AI
    --- ## Technical Overview of the 2SD1257-R The **2SD1257-R** is a high-power NPN Silicon Darlington Transistor. It is specifically designed for high-current applications such as motor drivers, hammer drivers, and power switching circuits. The "R" suffix typically refers to the **hFE (DC current gain)** classification range. ### 1. Key Features * **High DC Current Gain:** Being a Darlington pair, it offers a very high gain compared to standard transistors. * **Built-in Components:** Includes a base-emitter shunt resistor and a collector-emitter reverse-diode for surge protection. * **Low Saturation Voltage:** $V_{CE(sat)}$ is kept low for efficient switching. --- ### 2. Technical Specifications Below are the absolute maximum ratings and electrical characteristics typically found in the datasheet: | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 100 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 60 | V | | Emitter-Base Voltage | $V_{EBO}$ | 7 | V | | Collector Current (DC) | $I_C$ | 5 | A | | Collector Current (Pulse) | $I_{CP}$ | 8 | A | | Total Power Dissipation ($T_c = 25°C$) | $P_C$ | 30 | W | | Junction Temperature | $T_j$ | 150 | °C | --- ### 3. Gain Classification (The "R" Suffix) The 2SD1257 series is often categorized by its current gain ($h_{FE}$). The **R** rank represents a specific range: * **hFE Range (R):** 2000 to 5000 (approximate, depending on manufacturer). * **Measurement Condition:** $V_{CE} = 3V, I_C = 3A$. --- ### 4. Pinout and Packaging The device is usually housed in a **TO-220** or **TO-220F (Full Pack/Isolated)** package, which allows for easy mounting to a heatsink. | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Base** | Controls the transistor (Trigger) | | 2 | **Collector** | Connected to the Load | | 3 | **Emitter** | Connected to Ground (usually) | --- ### 5. Common Applications * **Solanoid/Hammer Drivers:** Used in printers or industrial automation. * **Motor Control:** Driving DC motors where high current is required from a low-power microcontroller signal. * **Regulators:** Part of power supply circuits for voltage stabilization. ---
    ✨ Follow-up Questions
    • ⤷ What is the equivalent PNP complementary transistor for the 2SD1257-R?
    • ⤷ Can I drive this transistor directly from an Arduino or microcontroller pin?
    • ⤷ What are the specific advantages of using a Darlington transistor over a standard BJT in this context?