công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SC6517

  • AI
    ### Overview of the 2SC6517 Transistor The **2SC6517** is a high-speed, high-voltage NPN silicon epitaxial planar transistor. It is primarily designed for high-frequency switching and power amplification applications, often found in power supplies and lighting ballasts. --- ### Key Technical Specifications Below are the absolute maximum ratings and electrical characteristics typically associated with the 2SC6517: | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 500 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 400 | V | | Emitter-Base Voltage | $V_{EBO}$ | 7 | V | | Collector Current (DC) | $I_C$ | 0.5 | A | | Collector Current (Pulse) | $I_{CP}$ | 1.0 | A | | Total Power Dissipation | $P_D$ | 1.0 (at $T_a=25^\circ C$) | W | | Junction Temperature | $T_j$ | 150 | $^\circ C$ | --- ### Features and Applications #### Main Features * **High Voltage:** Capable of handling $V_{CEO}$ up to 400V, making it suitable for AC-DC conversion stages. * **High Speed:** Optimized for fast switching transitions to minimize power loss. * **Low Saturation Voltage:** Reduces heat generation during the "on" state. * **Package Type:** Usually available in a compact package like SOT-89 or TO-92L, depending on the specific manufacturer variant. #### Common Applications 1. **Switching Regulators:** Used in DC-DC converters and small SMPS (Switched-Mode Power Supplies). 2. **High-Frequency Converters:** Ideal for circuits operating at high kilohertz ranges. 3. **Fluorescent Lamp Ballasts:** Used in lighting electronics to drive high-voltage tubes. 4. **Signal Amplification:** Can be used in high-voltage driver stages for video or audio equipment. --- ### Equivalent Parts (Substitutes) If you cannot find the 2SC6517, the following transistors may serve as potential substitutes, though you must verify the pinout and power dissipation requirements: * **MJE13003:** A widely used NPN power transistor with similar voltage ratings. * **KSE13003:** The Fairchild/ON Semi version of the 13003 series. * **2SC3447:** Often used in similar high-voltage switching roles. --- ### Basic Test Circuit Example To verify if the transistor is functioning as a switch, a simple base-drive circuit can be used: ```markdown Vcc (400V max) ---- [Load] ---- [Collector] | Signal Input ---- [Resistor] ---- [Base] (2SC6517) | GND --------------------------- [Emitter] ```
    ✨ Follow-up Questions
    • What is the pin configuration for the SOT-89 version of the 2SC6517?
    • How does the switching speed of 2SC6517 compare to the MJE13003?
    • What is the typical DC current gain (hFE) for this transistor?