công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SC5027L-R-TF3-T

  • AI
    ## Detailed Technical Overview of 2SC5027L-R-TF3-T The **2SC5027L-R-TF3-T** is a high-voltage, high-speed switching NPN power transistor primarily designed for use in switching regulators, ultrasonic generators, and general-purpose high-voltage power applications. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for this specific part number: | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | 1100 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 800 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 7 | V | | **Collector Current (DC)** | $I_C$ | 3 | A | | **Collector Current (Pulse)** | $I_{CP}$ | 10 | A | | **Collector Dissipation ($T_c=25^\circ C$)** | $P_C$ | 40 | W | | **Junction Temperature** | $T_j$ | 150 | $^\circ C$ | --- ### 2. Part Number Breakdown The suffixing in the part number provides specific information regarding packaging and gain: * **2SC5027L**: The core model (NPN Power Transistor). * **R**: Represents the **hFE (DC Current Gain)** classification. "R" typically denotes a range between 15 and 30. * **TF3**: Refers to the **TO-220F** package (Full-pack/Insulated). This is crucial for heat dissipation without needing additional mica insulators in some designs. * **T**: Indicates the packing type, usually **Tube**. --- ### 3. Core Features * **High Voltage Capability**: With a $V_{CEO}$ of 800V, it is robust against voltage spikes in AC-DC converters. * **High Speed**: Optimized for fast switching transitions to reduce power loss. * **Isolated Package**: The TO-220F package is plastic-molded, providing electrical insulation between the transistor’s internal collector and the external heatsink. * **Wide SOA**: A large Safe Operating Area ensures reliability under inductive load switching. --- ### 4. Applications This transistor is commonly found in: 1. **Switching Mode Power Supplies (SMPS)**: Used as the main switching element in the primary circuit. 2. **Fluorescent Lamp Ballasts**: Handling high-frequency oscillation. 3. **High-Voltage Inverters**: Converting DC to AC for industrial equipment. 4. **CRT Displays**: (Legacy use) in horizontal deflection circuits. --- ### 5. Equivalent/Substitute Parts If the 2SC5027L-R-TF3-T is unavailable, the following are common alternatives (check pinout and gain specs before replacing): * **KSC5027** (Fairchild/ON Semi equivalent) * **MJE13007** (Lower voltage, higher current - verify $V_{CEO}$ needs) * **2SC3460** ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance values for the TO-220F package version of this transistor?
    • ⤷ How does the 'R' gain classification affect the base drive circuit design?
    • ⤷ Can this transistor be used in a 220V AC flyback converter design?