công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SC5027-R-TF3-T

  • AI
    ## Technical Overview: 2SC5027-R-TF3-T The **2SC5027-R-TF3-T** is a high-voltage, high-speed switching NPN power transistor. It is primarily designed for use in power supply applications, such as switching regulators and ultrasonic generators. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the specific variant: | Segment | Meaning | | :--- | :--- | | **2SC5027** | Base Part Number (NPN Silicon Transistor) | | **-R** | HFE (Current Gain) Rank (typically 15–30 or specific range) | | **-TF3** | Package Style (Typically TO-220F, Full-Pack/Insulated) | | **-T** | Packing Type (Tube) | --- ### 2. Key Specifications These parameters define the electrical limits and performance of the component: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 1100 V | | Collector-Emitter Voltage | $V_{CEO}$ | 800 V | | Emitter-Base Voltage | $V_{EBO}$ | 7 V | | Collector Current (DC) | $I_C$ | 3 A | | Collector Current (Pulse) | $I_{CP}$ | 10 A | | Total Power Dissipation | $P_D$ | 40 W (at $T_C = 25^\circ C$) | | Junction Temperature | $T_J$ | +150 °C | --- ### 3. Electrical Characteristics * **High Voltage Capability:** With a $V_{CEO}$ of 800V, it can safely handle the high-voltage spikes found in AC-DC converters. * **High Switching Speed:** Designed for fast transition times (Rise/Fall times), reducing power loss during switching cycles. * **Saturation Voltage:** Typically features a low Collector-Emitter Saturation Voltage ($V_{CE(sat)}$), which enhances efficiency by minimizing heat during the "on" state. --- ### 4. Common Applications Due to its high voltage rating and switching speed, this transistor is commonly found in: 1. **Switch Mode Power Supplies (SMPS):** Used as the main switching element in the primary side of the circuit. 2. **Electronic Ballasts:** Used in lighting circuits to drive fluorescent lamps. 3. **Horizontal Deflection Output:** Used in older CRT monitors and televisions. 4. **DC-DC Converters:** High-efficiency voltage conversion in industrial equipment. --- ### 5. Package Information: TO-220F The **TF3** suffix usually denotes the **TO-220F** package. * **Insulation:** The "F" stands for Full-Pack, meaning the heat sink tab is encased in plastic. * **Benefit:** This allows the transistor to be mounted directly to a metal heatsink without the need for an additional mica insulator, simplifying assembly and reducing the risk of short circuits to the chassis. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference in thermal performance between the TO-220 and TO-220F versions of this transistor?
    • ⤷ Can this transistor be used in a Class AB audio amplifier circuit?
    • ⤷ What are the recommended equivalent or replacement parts for the 2SC5027?