công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SC4053_2014

  • AI
    ## Overview of the 2SC4053 (2014 Datasheet Specifications) The **2SC4053** is a high-voltage NPN Silicon Epitaxial Planar Transistor. It is primarily designed for high-speed switching applications, particularly in power supplies, converters, and CRT display horizontal deflection circuits. --- ### Key Technical Specifications Based on the standard 2014 documentation, here are the absolute maximum ratings and electrical characteristics: | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 1500 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 800 | V | | Emitter-Base Voltage | $V_{EBO}$ | 6 | V | | Collector Current (DC) | $I_C$ | 5 | A | | Collector Current (Pulse) | $I_{CP}$ | 10 | A | | Collector Power Dissipation | $P_C$ | 50 ($T_c = 25^\circ C$) | W | | Junction Temperature | $T_j$ | 150 | $^\circ C$ | --- ### Electrical Characteristics ($T_a = 25^\circ C$) * **Saturation Voltage ($V_{CE(sat)}$):** Typically low (around 5.0V max at $I_C = 4A$), which reduces power loss during the "on" state. * **DC Current Gain ($h_{FE}$):** Generally ranges between 8 to 20. This indicates it requires a significant base current to drive large loads. * **Transition Frequency ($f_T$):** Approximately 6 MHz, suitable for power switching but not high-frequency RF. * **Fall Time ($t_f$):** Optimized for fast switching to minimize heat during transitions. --- ### Pin Configuration and Package The 2SC4053 usually comes in a **TO-220F** or **TO-3PF** package. The "F" suffix often denotes a fully isolated package, which eliminates the need for an insulating mica washer when mounting to a heatsink. | Pin Number | Function | | :--- | :--- | | 1 | **Base** (Trigger) | | 2 | **Collector** (Input/Load) | | 3 | **Emitter** (Ground/Output) | --- ### Typical Applications 1. **Switch-Mode Power Supplies (SMPS):** Used as the main switching element in AC-DC converters. 2. **Horizontal Deflection:** Historically used in CRT monitors and televisions to control the electron beam. 3. **High Voltage Inverters:** Suitable for driving CCFL lamps or industrial induction heaters. 4. **DC-DC Converters:** For stepping down high voltage DC rails in industrial equipment. --- ### Design Considerations * **Thermal Management:** Since it can dissipate up to 50W, a substantial heatsink is required for continuous high-current operation. * **Driving the Base:** Due to the relatively low $h_{FE}$, ensure your driver circuit can provide sufficient base current ($I_B$) to keep the transistor in saturation. * **Voltage Spikes:** While rated for 1500V ($V_{CBO}$), flyback diodes or snubber circuits should be used when switching inductive loads.
    ✨ Follow-up Questions
    • ⤷ What are the recommended replacement parts for a 2SC4053 if it is obsolete?
    • ⤷ How do I calculate the required base resistor for this transistor in a 5A switching circuit?
    • ⤷ What is the difference between the 2SC4053 and the 2SC4053A variants?