công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SC3648-AB3-R

  • AI
    ### Overview of the 2SC3648-AB3-R The **2SC3648-AB3-R** is an NPN epitaxial planar silicon transistor. It is primarily designed for use in high-voltage applications, particularly in the driver stages of color TV receivers and high-definition displays. --- ### Technical Specifications | Parameter | Symbol | Value | Unit | | :--- | :---: | :---: | :---: | | Collector-Base Voltage | $V_{CBO}$ | 180 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 160 | V | | Emitter-Base Voltage | $V_{EBO}$ | 6 | V | | Collector Current (DC) | $I_C$ | 0.7 | A | | Collector Current (Pulse) | $I_{CP}$ | 1.5 | A | | Collector Dissipation | $P_C$ | 1.0 | W | | Junction Temperature | $T_j$ | 150 | °C | --- ### Key Features 1. **High Breakdown Voltage:** With a $V_{CEO}$ of 160V, it is suitable for circuits requiring high voltage tolerance. 2. **Excellent Linearity:** It maintains a stable DC current gain ($h_{FE}$), which is critical for signal amplification. 3. **High Frequency Response:** It features a high transition frequency ($f_T$), typically around 120 MHz, making it effective for video amplification. 4. **Complementary Pair:** It is often paired with the **2SA1428** (PNP type) for push-pull circuit configurations. --- ### Package and Part Suffix Decoding The suffix **AB3-R** provides specific details regarding the physical packaging and shipping: * **AB3:** Usually refers to the **SOT-89** surface-mount package. This package is compact but offers decent power dissipation through its large center lead. * **R:** Indicates the "Tape and Reel" packing method, which is standard for automated Pick-and-Place assembly lines. --- ### Typical Applications * **Video Output Stages:** Used in CRT monitors and TV sets to drive the cathode. * **High Voltage Switching:** Suitable for small power supplies and inverter circuits. * **Audio Drivers:** Used in the driver stage of high-fidelity audio amplifiers. --- ### Basic Bias Circuit Example To use this NPN transistor as a simple switch or amplifier, the basic configuration is as follows: ```text Vcc (High Voltage) | [RL] (Load) | +------- Collector | Base --[Rb]--| 2SC3648 | +------- Emitter | GND ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement transistors for the 2SC3648?
    • ⤷ How does the SOT-89 package affect its thermal management compared to TO-92?
    • ⤷ What is the typical hFE range for the 'R' or 'S' classification of this transistor?