công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SC2712-O-AE3-R

  • AI
    ## Technical Overview: 2SC2712-O-AE3-R The **2SC2712-O-AE3-R** is a high-frequency NPN epitaxial silicon transistor. It is widely used in low-noise amplifier stages and general-purpose switching applications due to its excellent linearity and high gain characteristics. --- ### 1. Key Technical Specifications Below are the primary electrical parameters for the 2SC2712-O-AE3-R: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | 60 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 50 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 5 | V | | **Collector Current (DC)** | $I_C$ | 150 | mA | | **Collector Power Dissipation** | $P_C$ | 150 | mW | | **DC Current Gain ($h_{FE}$)** | $h_{FE}$ | 70 to 140 (O-Rank) | - | | **Transition Frequency** | $f_T$ | 80 (Min) | MHz | --- ### 2. Part Number Breakdown The suffixing in the part number provides specific details about the manufacturing and packaging: * **2SC2712**: The base model number (NPN Transistor). * **-O**: Represents the **$h_{FE}$ (Gain) Classification**. The "O" rank typically falls between 70 and 140. * **-AE3**: Refers to the **SOT-23 package** type (a standard small-outline surface mount package). * **-R**: Indicates the packaging method, usually **Tape & Reel** for automated assembly. --- ### 3. Features and Applications #### Features * **Low Noise Figure:** Specifically designed for high-fidelity audio and signal processing. * **Miniature Package:** Housed in an SOT-23 (TO-236) casing, ideal for high-density PCB designs. * **High Reliability:** Stable performance across a wide temperature range (up to 150°C junction temperature). #### Common Applications 1. **Audio Preamplifiers:** Used in the initial stages of audio equipment to boost weak signals. 2. **Signal Switching:** Small-signal switching in consumer electronics. 3. **RF Amplification:** Suitable for low-frequency radio frequency amplification due to its 80MHz transition frequency. 4. **Driver Stages:** Acts as a driver for small LEDs or relays. --- ### 4. Pinout Configuration (SOT-23) When looking at the top of the SOT-23 package with two pins at the bottom: 1. **Pin 1 (Left Bottom):** Base 2. **Pin 2 (Right Bottom):** Emitter 3. **Pin 3 (Top Center):** Collector ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the 'O'
    • ⤷ 'Y'
    • ⤷ and 'GR' gain classifications for this transistor?
    • ⤷ Can the 2SC2712 be replaced by the MMBT3904 in most low-frequency applications?
    • ⤷ What is the maximum power dissipation derating curve for the SOT-23 package?