công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SC2412-R

  • AI
    The **2SC2412-R** is a widely used NPN epitaxial planar silicon transistor, primarily designed for general-purpose switching and amplification applications. It is most commonly found in the **SOT-23 (SST3)** surface-mount package. --- ### 1. Key Technical Specifications The "R" suffix in 2SC2412-R refers to the **hFE (DC Current Gain) classification**, which typically ranges from **180 to 390**. | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 60 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 50 | V | | Emitter-Base Voltage | $V_{EBO}$ | 7 | V | | Collector Current | $I_C$ | 150 | mA | | Power Dissipation | $P_D$ | 200 | mW | | Junction Temperature | $T_j$ | 150 | °C | --- ### 2. Electrical Characteristics These parts are known for their high reliability and low noise characteristics. * **Transition Frequency ($f_T$):** Typically **180 MHz**, making it suitable for high-frequency small-signal processing. * **Output Capacitance ($C_{ob}$):** Generally low (approx **2.0 pF**), reducing signal distortion in high-speed circuits. * **Saturation Voltage ($V_{CE(sat)}$):** Very low, typically **0.4V** at $I_C = 50mA$, which ensures efficiency in switching modes. --- ### 3. Pin Configuration (SOT-23) When looking at the top of the SOT-23 package with the single pin at the top: 1. **Pin 1 (Bottom Left):** Base (B) 2. **Pin 2 (Bottom Right):** Emitter (E) 3. **Pin 3 (Top Middle):** Collector (C) --- ### 4. Common Applications * **Small Signal Amplification:** Used in audio pre-amps or sensor signal conditioning. * **Switching:** Driving small loads like LEDs, relays, or acting as a logic level shifter. * **Oscillators:** Due to the 180 MHz transition frequency, it is effective in low-power RF oscillators. --- ### 5. Complementary and Equivalent Parts * **PNP Complement:** The **2SA1037AK** is the standard PNP pair for the 2SC2412. * **Equivalent Models:** * **2SC4081** (Similar specs, different manufacturer). * **BC847** (Common European equivalent with slightly different voltage ratings). ---
    ✨ Follow-up Questions
    • ⤷What are the differences between the Q
    • ⤷ R
    • ⤷ and S gain variants of the 2SC2412?
    • ⤷ Can the 2SC2412-R be used in 5V logic switching circuits?
    • ⤷ How does the SOT-23 footprint compare to the SC-70 version of this transistor?