công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SC1663

  • AI
    The **2SC1663** is a high-frequency NPN epitaxial planar silicon transistor. It was primarily designed for high-speed switching and high-frequency amplification applications in telecommunications and consumer electronics. --- ### 1. Key Technical Specifications The following table highlights the absolute maximum ratings and electrical characteristics typically found in the 2SC1663 datasheet: | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 30 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 20 | V | | Emitter-Base Voltage | $V_{EBO}$ | 4 | V | | Collector Current | $I_C$ | 50 | mA | | Collector Power Dissipation | $P_C$ | 200 | mW | | Junction Temperature | $T_j$ | 150 | °C | | Transition Frequency | $f_T$ | 600 (typ) | MHz | --- ### 2. Physical Packaging and Pinout The 2SC1663 is usually housed in a **TO-92** small plastic package, though SMD variants (like SOT-23) may exist under different suffixes depending on the manufacturer (e.g., Renesas or NEC). **Standard Pin Configuration (Bottom View):** 1. **Emitter (E):** The terminal through which current exits. 2. **Collector (C):** The terminal through which current enters. 3. **Base (B):** The terminal that controls the transistor's conductivity. --- ### 3. Features and Applications The 2SC1663 is characterized by its high transition frequency ($f_T$), making it ideal for RF (Radio Frequency) circuits. * **High-Speed Switching:** Used in digital logic circuits where fast transition times are required. * **RF Amplification:** Suitable for FM tuners, VHF oscillators, and signal mixers. * **Low Noise:** Designed to minimize signal interference in sensitive receiving stages. * **Small Signal Processing:** Efficient at handling low-power signals without significant distortion. --- ### 4. Equivalent / Replacement Parts If you are looking for a replacement or equivalent part, consider the following transistors (ensure to verify pinouts as they may differ): * **2SC1923:** Often used in similar high-frequency RF applications. * **2SC1815:** A general-purpose NPN (slower $f_T$, but widely available). * **KSC1663:** The Fairchild/ONSEMI equivalent version. * **BF199:** A common European equivalent for high-frequency RF stages. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the 2SC1663 and the 2SC1815 for RF use?
    • ⤷ Can you provide a basic circuit diagram for an RF amplifier using this transistor?
    • ⤷ Where can I find the SPICE model for the 2SC1663 for circuit simulation?