công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SC1384G-X-AB3-R

  • AI
    ## Technical Overview: 2SC1384G-X-AB3-R The **2SC1384G-X-AB3-R** is a specific variant of the 2SC1384, which is a NPN epitaxial silicon transistor designed primarily for low-frequency power amplification and medium-speed switching applications. Below is a breakdown of the electronic specifications and part number nomenclature. --- ### 1. Key Technical Specifications The following table outlines the absolute maximum ratings and electrical characteristics for this component. | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Type** | - | NPN | - | | **Collector-Base Voltage** | $V_{CBO}$ | 60 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 50 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 5 | V | | **Collector Current (DC)** | $I_C$ | 1.0 | A | | **Collector Dissipation** | $P_C$ | 1.0 | W | | **Current Gain ($h_{FE}$)** | Range | 160 – 320 (X Rank) | - | | **Transition Frequency** | $f_T$ | 200 (Typical) | MHz | --- ### 2. Part Number Breakdown Manufacturers (such as UTC - Unisonic Technologies) use specific suffixes to define the packaging and gain of the device. * **2SC1384**: The base model number for the NPN transistor. * **G**: Indicates **Halogen-Free** and RoHS compliance. * **X**: Represents the **$h_{FE}$ Classification** (Current Gain). The "X" rank typically falls between 160 and 320. * **AB3**: Refers to the **Package Type**. In this specific sequence, it usually denotes a **SOT-89** surface-mount package. * **R**: Indicates the **Packing Type**, standing for **Tape & Reel**. --- ### 3. Pinout Configuration (SOT-89) Since the `AB3` suffix points to the SOT-89 package, the pin configuration is typically as follows: 1. **Base (B)** 2. **Collector (C)** (Also connected to the large cooling heat sink tab) 3. **Emitter (E)** --- ### 4. Applications Due to its 1A current capability and high transition frequency, this part is commonly used in: * **Audio Amplifier Stages:** Specifically the driver stage of low-power amplifiers. * **Voltage Regulation:** Used in series pass regulators. * **Relay/Solenoid Drivers:** Capable of switching loads up to 1A. * **DC-DC Converters:** Medium-speed switching tasks.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the 2SC1384 if this specific variant is unavailable?
    • ⤷ How does the 'X' gain rank compare to the 'Q' or 'R' ranks of the same transistor?
    • ⤷ What are the thermal considerations when using the SOT-89 package at its maximum 1W dissipation?